Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154BCPZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9154BCPZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 79Page - Analog Devices AD9154BCPZ Datasheet HTML 80Page - Analog Devices AD9154BCPZ Datasheet HTML 81Page - Analog Devices AD9154BCPZ Datasheet HTML 82Page - Analog Devices AD9154BCPZ Datasheet HTML 83Page - Analog Devices AD9154BCPZ Datasheet HTML 84Page - Analog Devices AD9154BCPZ Datasheet HTML 85Page - Analog Devices AD9154BCPZ Datasheet HTML 86Page - Analog Devices AD9154BCPZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 83 of 124
SYNCOUTx±, SYSREF±, and CLK± Signals
The SYNCOUTx± and SYSREF± signals on the AD9154 are
low speed LVDS differential signals. Use controlled impedance
traces routed with 100 Ω differential impedance and 50 Ω to
ground when routing these signals. As with the SERDIN0± to
SERDIN7± data pairs, it is important to keep these signals
separated from potential noise sources such as high speed
digital signals and noisy supplies.
Separate the SYNCOUTx± signal from other noisy signals,
because noise on the SYNCOUTx± might be interpreted as a
request for K characters.
It is important to keep similar trace lengths for the CLK± and
SYSREF± signals from the clock source to each of the devices
on either end of the JESD204B links, see Figure 88. If using a clock
chip that can tightly control the phase of CLK± and SYSREF±, the
trace length matching requirements are greatly reduced.
AD9154
LANE 0
LANE 1
LANE N – 1
LANE N
DEVICE CLOCK
DEVICE CLOCK
SYSREF±
SYSREF±
SYSREF TRACE LENGTH
SYSREF TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
DEVICE CLOCK TRACE LENGTH
Tx
DEVICE
Rx
DEVICE
Figure 88. SYSREF± Signal and Device Clock Trace Length



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com