Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD9154BCPZ Datasheet(PDF) 19 Page - Analog Devices

Part # AD9154BCPZ
Description  Digital-to-Analog Converter
PDF  124 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9154BCPZ Datasheet(HTML) 19 Page - Analog Devices

Back Button AD9154BCPZ Datasheet HTML 15Page - Analog Devices AD9154BCPZ Datasheet HTML 16Page - Analog Devices AD9154BCPZ Datasheet HTML 17Page - Analog Devices AD9154BCPZ Datasheet HTML 18Page - Analog Devices AD9154BCPZ Datasheet HTML 19Page - Analog Devices AD9154BCPZ Datasheet HTML 20Page - Analog Devices AD9154BCPZ Datasheet HTML 21Page - Analog Devices AD9154BCPZ Datasheet HTML 22Page - Analog Devices AD9154BCPZ Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 124 page
background image
Data Sheet
AD9154
Rev. C | Page 19 of 124
0
100
200
300
400
500
600
700
800
1
2
3
4
5
6
7
8
9
LANE RATE (Gbps)
1.2V, 8 LANES
1.2V, 4 LANES
1.2V, 2 LANES
1.3V, 8 LANES
1.3V, 4 LANES
1.3V, 2 LANES
Figure 32. Total SERDES Supply Current (SVDD12) vs. Lane Rate:
2, 4, and 8 Lanes
180
160
140
120
100
80
60
10
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
51MHz FALSE
101MHz FALSE
201MHz FALSE
401MHz FALSE
51MHz SMA100A
Figure 33. Single Tone Phase Noise vs. Offset Frequency at Four Different fOUT
Rates, fDAC = 2.0 GHz, PLL Off
180
160
140
120
100
80
60
10
100
1k
10k
100k
1M
10M
OFFSET FREQUENCY (Hz)
51MHz TRUE
101MHz TRUE
201MHz TRUE
401MHz TRUE
51MHz SMA100A
Figure 34. Single Tone Phase Noise vs. Offset Frequency at Four Different fOUT
Rates, fDAC = 2.0 GHz, PLL On
–30
–130
–120
–110
–100
–90
–80
–70
–60
–50
–40
CENTER 180MHz
#RES BW 30kHz
SPAN 65.4MHz
SWEEP 212.1ms
#VBW 300kHz
Figure 35. 1C 256 Point Quadrature Amplitude Modulation (QAM) Signal
ACLR Performance, IF = 180 MHz, fDAC = 1966.08 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com