Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3215 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3215
Description  700mA Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3215 Datasheet(HTML) 2 Page - Linear Technology

  LTC3215 Datasheet HTML 1Page - Linear Technology LTC3215 Datasheet HTML 2Page - Linear Technology LTC3215 Datasheet HTML 3Page - Linear Technology LTC3215 Datasheet HTML 4Page - Linear Technology LTC3215 Datasheet HTML 5Page - Linear Technology LTC3215 Datasheet HTML 6Page - Linear Technology LTC3215 Datasheet HTML 7Page - Linear Technology LTC3215 Datasheet HTML 8Page - Linear Technology LTC3215 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
LTC3215
2
3215f
VIN to GND ............................................... –0.3V to 5.5V
CPO to GND ............................................. –0.3V to 5.5V
EN ................................................... –0.3V to VIN + 0.3V
ICPO, IILED (Note 2) ........................................... 1000mA
CPO Short-Circuit Duration ............................ Indefinite
Storage Temperature Range ................. –65°C to 125°C
Operating Temperature Range (Note 3) .. –40°C to 85°C
ORDER PART
NUMBER
TJMAX = 125°C, θJA = 43°C/W
EXPOSED PIN (PIN 11) IS GND
MUST BE SOLDERED TO PCB
LTC3215EDD
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
(Note 1)
ELECTRICAL CHARACTERISTICS The ● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.6V, CIN = C1 = C2 = 2.2µF, CCPO = 4.7µF.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
DD PART
MARKING
LBPX
TOP VIEW
11
DD PACKAGE
10-LEAD (3mm × 3mm) PLASTIC DFN
10
9
6
7
8
4
5
3
2
1
C1–
GND
C2–
VIN
EN
C2+
C1+
CPO
ILED
ISET
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Input Power Supply
VIN Operating Voltage
●
2.9
4.4
V
IVIN Operating Current
ICPO = 0mA, 1x Mode
300
µA
ICPO = 0mA, 1.5x
7
mA
ICPO = 0mA, 2x Mode
9.2
mA
IVIN Shutdown Current
EN = LOW
2.5
7
µA
LED Current
LED Current Ratio (ILED/ISET)ILED = 200mA to 600mA
●
3139
3270
3400
mA/mA
ILED Dropout Voltage
Mode Switch Threshold, ILED = 200mA
120
mV
Mode Switching Delay (LED Warmup Time)
2.5
ms
LED Current On Time
EN to LED Current On
130
µs
Charge Pump (CPO)
1x Mode Output Voltage
ICPO = 0mA
VIN
V
1.5x Mode Output Voltage
ICPO = 0mA
4.6
V
2x Mode Output Voltage
ICPO = 0mA
5.1
V
1x Mode Output Impedance
0.25
Ω
1.5x Mode Output Impedance
VIN = 3.4V, VCPO < 4.6V, C1 = C2 = 2.2µF
1.5
Ω
2x Mode Output Impedance
VIN = 3.2V, VCPO < 5.1V, C1 = C2 = 2.2µF
1.7
Ω
CLK Frequency
●
0.6
0.9
1.2
MHz
EN
High Level Input Voltage (VIH)
●
1.4
V
Low Level Input Voltage (VIL)
●
0.4
V
Input Current (IIH)
●
–1
1
µA
Input Current (IIL)
●
–1
1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com