Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3215 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC3215
Description  700mA Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3215 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC3215 Datasheet HTML 2Page - Linear Technology LTC3215 Datasheet HTML 3Page - Linear Technology LTC3215 Datasheet HTML 4Page - Linear Technology LTC3215 Datasheet HTML 5Page - Linear Technology LTC3215 Datasheet HTML 6Page - Linear Technology LTC3215 Datasheet HTML 7Page - Linear Technology LTC3215 Datasheet HTML 8Page - Linear Technology LTC3215 Datasheet HTML 9Page - Linear Technology LTC3215 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
LTC3215
6
3215f
Table 1. Charge Pump Output Regulation Voltages
CHARGE PUMP MODE
VCPO
1.5x
4.6V
2x
5.1V
In shutdown mode all circuitry is turned off and the
LTC3215 draws a very low current from the VIN supply.
Furthermore, CPO is weakly connected to VIN.TheLTC3215
enters shutdown mode when the EN pin is brought low.
Since EN is a high impedance CMOS input it should never
be allowed to float. To ensure that its state is defined, it
must always be driven with valid logic levels.
Thermal Protection
The LTC3215 has built-in overtemperature protection.
Thermal shutdown circuitry will shutdown the ILED output
when the junction temperature exceeds approximately
150°C. It will re-enable the ILED output once the junction
temperature drops back to approximately 135°C. The
LTC3215 will cycle in and out of thermal shutdown indefi-
nitely without latch up or damage until the heat source is
removed.
Soft-Start
To prevent excessive inrush current during start-up and
mode switching, the LTC3215 employs built-in soft-start
circuitry. Soft-start is achieved by increasing the amount
of current available to the output charge storage capacitor
linearly over a period of approximately 250µs.
Charge Pump Strength
When the LTC3215 operates in either the 1.5x mode or 2x
mode, the charge pump can be modeled as a Thevenin-
equivalent circuit to determine the amount of current
available from the effective input voltage and effective
open-loop output resistance, ROL(Figure 1).
The LTC3215 uses a fractional switched capacitor charge
pump to power a high current LED with a programmed
regulated current. The part starts up into the 1x mode. In
this mode, VIN is directly connected to CPO. This mode
provides maximum efficiency and minimum noise. The
LTC3215 will remain in this mode until the LED current
source begins to dropout. When dropout is detected, the
LTC3215 will switch to 1.5x mode after a soft-start period.
Any subsequent dropout detected will cause the part to
enter 2x mode. The part may be reset to 1x mode by
bringing the part into shutdown mode and then reenabling
the part.
A two phase nonoverlapping clock activates the charge
pump switches. In the 2x mode, the flying capacitors are
charged on alternate clock phases from VIN. While one
capacitor is being charged from VIN, the other is stacked
on top of VIN and connected to the output. Alternatively, in
the 1.5x mode the flying capacitors are charged in series
during the first clock phase, and stacked in parallel on top
of VIN on the second clock phase. This sequence of
charging and discharging the flying capacitors continues
at a free running frequency of 900kHz (typ).
The current delivered to the LED load is controlled by the
internal programmable current source. The value of this
current may be selected by choosing the appropriate
programming resistor. The resistor is connected between
the ISET pin and GND. The resistor value needed to attain
the desired current level can be determined by Equation 1.
RSET = 3990/ILED
(1)
A resistor value of 2k or less (e.g., a short-circuit) will
cause the LTC3215 to enter overcurrent shutdown mode.
This mode will prevent damage to the part by shutting
down the high power sections of the chip.
Regulation is achieved by sensing the voltage at the CPO
pin and modulating the charge pump strength based on
the error signal. The CPO regulation voltages are set
internally, and are dependent on the charge pump mode as
shown in Table 1.
OPERATIO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com