Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC3215 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3215
Description  700mA Low Noise High Current LED Charge Pump
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3215 Datasheet(HTML) 4 Page - Linear Technology

  LTC3215 Datasheet HTML 1Page - Linear Technology LTC3215 Datasheet HTML 2Page - Linear Technology LTC3215 Datasheet HTML 3Page - Linear Technology LTC3215 Datasheet HTML 4Page - Linear Technology LTC3215 Datasheet HTML 5Page - Linear Technology LTC3215 Datasheet HTML 6Page - Linear Technology LTC3215 Datasheet HTML 7Page - Linear Technology LTC3215 Datasheet HTML 8Page - Linear Technology LTC3215 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
LTC3215
4
3215f
VIN (V)
2.8
100
90
80
70
60
50
40
30
20
10
0
3.2
3.6
3.8
3216 G11
3.0
3.4
4.0
4.2
4.4
LED = LXCL-PWF1 LUMILED
VF = 3V TYP AT 200mA
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
3216 G04
INPUT VOLTAGE (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
TA = 85°C
TA = –40°C
TA = 25°C
930
920
910
900
890
880
870
860
850
840
3216 G03
SUPPLY VOLTAGE (V)
2.9
4.5
3.3
3.7
4.1
3.1
3.5
3.9
4.3
TA = 85°C
TA = –40°C
TA = 25°C
600mA
400mA
200mA
TYPICAL PERFOR A CE CHARACTERISTICS
Efficiency vs VIN
1.5x Mode CPO Output Ripple
2x Mode CPO Output Ripple
Input Shutdown Current
vs Input Voltage
Oscillator Frequency
vs Supply Voltage
Charge Pump Mode Switching
and Input Current (ILED = 400mA)
VCPO
1V/DIV
IVIN
500mA/
DIV
VIN = 3V
1ms/DIV
3215 G14
EN2
5V/DIV
3216 G12
VCPO
50mV/DIV
A/C COUPLED
500ns/DIV
VIN = 3.6V
ICPO = 200mA
3216 G13
VCPO
20mV/DIV
A/C COUPLED
500ns/DIV
VIN = 3.6V
ICPO = 400mA
Efficiency vs VIN
ISET/ILED Current Ratio
vs ILED Current
VIN (V)
2.8
100
90
80
70
60
50
40
30
20
10
0
3.2
3.6
3.8
3215 G15
3.0
3.4
4.0
4.2
4.4
AOT2015 HPW 1751B
VF = 3V TYP AT 100mA
100mA
200mA
400mA
ILED CURRENT (mA)
0
3100
3150
3200
3250
–40°C
25°C
85°C
3300
200
400
600
800
3215 G16
3350
3400
(TA = 25°C unless otherwise specified)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com