Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W008ET Datasheet(PDF) 8 Page - STMicroelectronics

Part # M29W008ET
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008ET Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M29W008ET Datasheet HTML 4Page - STMicroelectronics M29W008ET Datasheet HTML 5Page - STMicroelectronics M29W008ET Datasheet HTML 6Page - STMicroelectronics M29W008ET Datasheet HTML 7Page - STMicroelectronics M29W008ET Datasheet HTML 8Page - STMicroelectronics M29W008ET Datasheet HTML 9Page - STMicroelectronics M29W008ET Datasheet HTML 10Page - STMicroelectronics M29W008ET Datasheet HTML 11Page - STMicroelectronics M29W008ET Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 43 page
background image
1 Summary description
M29W008ET, M29W008EB
8/43
Figure 4.
Block Addresses (Top Boot Block)
FFFFFh
F0000h
M29W008ET
Top Boot Block Addresses
Total of 16
64 KByte Blocks
64 KByte MAIN BLOCK
EFFFFh
E0000h
64 KByte MAIN BLOCK
DFFFFh
D0000h
64 KByte MAIN BLOCK
CFFFFh
C0000h
64 KByte MAIN BLOCK
BFFFFh
B0000h
64 KByte MAIN BLOCK
AFFFFh
A0000h
64 KByte MAIN BLOCK
9FFFFh
90000h
64 KByte MAIN BLOCK
8FFFFh
80000h
64 KByte MAIN BLOCK
7FFFFh
70000h
64 KByte MAIN BLOCK
6FFFFh
60000h
64 KByte MAIN BLOCK
5FFFFh
50000h
64 KByte MAIN BLOCK
4FFFFh
40000h
64 KByte MAIN BLOCK
3FFFFh
30000h
64 KByte MAIN BLOCK
2FFFFh
20000h
64 KByte MAIN BLOCK
1FFFFh
10000h
64 KByte MAIN BLOCK
0FFFFh
00000h
16 KByte BOOT BLOCK
8 KByte PARAMETER BLOCK
8 KByte PARAMETER BLOCK
32 KByte MAIN BLOCK
FFFFFh
FC000h
FBFFFh
FA000h
F9FFFh
F8000h
F7FFFh
F0000h
AI11361



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com