Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M29W008ET Datasheet(PDF) 33 Page - STMicroelectronics

Part # M29W008ET
Description  8 Mbit (1Mb x 8, Boot Block) 3V Supply Flash Memory
PDF  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M29W008ET Datasheet(HTML) 33 Page - STMicroelectronics

Back Button M29W008ET Datasheet HTML 29Page - STMicroelectronics M29W008ET Datasheet HTML 30Page - STMicroelectronics M29W008ET Datasheet HTML 31Page - STMicroelectronics M29W008ET Datasheet HTML 32Page - STMicroelectronics M29W008ET Datasheet HTML 33Page - STMicroelectronics M29W008ET Datasheet HTML 34Page - STMicroelectronics M29W008ET Datasheet HTML 35Page - STMicroelectronics M29W008ET Datasheet HTML 36Page - STMicroelectronics M29W008ET Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 43 page
background image
M29W008ET, M29W008EB
9 Part numbering
33/43
9
Part numbering
Table 15.
Ordering Information Scheme
Devices are shipped from the factory with the memory content bits erased to ’1’.
For a list of available options (Speed, Package, etc.) or for further information on any aspect of
this device, please contact the ST Sales Office nearest to you.
Example:
M29W008ET
70
N
1
E
Device Type
M29
Operating Voltage
W = 2.7 to 3.6V
Device Function
008E = 8 Mbit (1Mb x8), Boot Block
Array Matrix
T = Top Boot
B = Bottom Boot
Speed
70 = 70ns
90 = 90ns
Package
N = TSOP40: 10 x 20 mm
Temperature Range
1 = 0 to 70 °C
6 = –40 to 85 °C
Option
E = ECOPACK Package, Standard Packing
F = ECOPACK Package, Tape & Reel 24mm Packing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com