Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3418 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP3418
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3418 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP3418 Datasheet HTML 1Page - Diodes Incorporated AP3418 Datasheet HTML 2Page - Diodes Incorporated AP3418 Datasheet HTML 3Page - Diodes Incorporated AP3418 Datasheet HTML 4Page - Diodes Incorporated AP3418 Datasheet HTML 5Page - Diodes Incorporated AP3418 Datasheet HTML 6Page - Diodes Incorporated AP3418 Datasheet HTML 7Page - Diodes Incorporated AP3418 Datasheet HTML 8Page - Diodes Incorporated AP3418 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
AP3418
Document number: DS37233 Rev. 3 - 2
4 of 11
www.diodes.com
November 2014
© Diodes Incorporated
AP3418
A Product Line of
Diodes Incorporated
Electrical Characteristics (VIN = 5V, TA = +25ºC, unless otherwise specified.)
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VIN
Input Voltage
2.5
5.5
V
IQ
Quiescent Current
VFB = 0.65V
62
100
µA
ISTBY
Shutdown Supply Current
VEN = GND
0.1
1
µA
VREF
Reference Voltage
For Adjustable Output
Voltage
0.588
0.6
0.612
V
IFB_H
Feedback Bias Current
VFB = 1V
-0.1
0.1
µA
IFB_L
VFB = 0V
-0.1
0.1
RDS(ON)_ P
PMOSFET RON
ISW = 200mA
0.2
RDS(ON) _N
NMOSFET RON
ISW = -200mA
0.15
ILIM
Switch Current Limit
VFB = 0.55V
1.8
2.3
A
VH
EN Pin Threshold
1.5
V
VL
0.4
VUVLO
UVLO Threshold
VIN Rising
2.3
V
VHYS
UVLO Hysteresis
0.2
fOSC
Oscillator Frequency
1.12
1.40
1.68
MHz
DMAX
Max. Duty Cycle
100
%
DMIN
Min. Duty Cycle
0
ISW_H
SW Leakage Current
VSW = 0V
0.1
µA
ISW_L
VSW = 5V
0.1
tSS
Soft-start Time
1
ms
TOTSD
Thermal Shutdown
+160
ºC
THYS
Thermal Shutdown Hysteresis
+20
ºC



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com