Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3418 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # AP3418
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3418 Datasheet(HTML) 2 Page - Diodes Incorporated

  AP3418 Datasheet HTML 1Page - Diodes Incorporated AP3418 Datasheet HTML 2Page - Diodes Incorporated AP3418 Datasheet HTML 3Page - Diodes Incorporated AP3418 Datasheet HTML 4Page - Diodes Incorporated AP3418 Datasheet HTML 5Page - Diodes Incorporated AP3418 Datasheet HTML 6Page - Diodes Incorporated AP3418 Datasheet HTML 7Page - Diodes Incorporated AP3418 Datasheet HTML 8Page - Diodes Incorporated AP3418 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
AP3418
Document number: DS37233 Rev. 3 - 2
2 of 11
www.diodes.com
November 2014
© Diodes Incorporated
AP3418
A Product Line of
Diodes Incorporated
Pin Descriptions
Pin Number
Pin Name
Function
1
EN
Control input pin. Forcing this pin above 1.5V enables the IC. Forcing this
pin below 0.4V shuts down the IC. When the IC is in shutdown mode, all
functions are disabled to decrease the supply current below 1µA
2
GND
Ground pin
3
SW
Power switch output pin. Inductor connection to drain of the internal PFET
and NFET switches
4
VIN
Supply input pin. Bypass to GND with a 4.7µF or greater ceramic
capacitor
5
FB
This is the feedback pin of the device. Connect this pin directly to the
output if the fixed output voltage version is used. For the adjustable
version, an external resistor divider is connected to this pin
Functional Block Diagram
VOLTAGE
REFERENCE
OSCILLATOR
CURRENT
SENSE
ERROR
AMPLIFIER
PWM
COMPARATOR
MAX
CURRENT LIMIT
0.6V
VOCP
0.4V
LOGIC
CLK
SHORT
CIRCUIT
PROTECTION
REVERSE
COMPARATOR
EN
FB
GND
SW
GND
VIN
VIN
1
5
2
4
3
4
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com