Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP3418 Datasheet(PDF) 5 Page - Diodes Incorporated

Part # AP3418
Description  HIGH EFFICIENCY SYNCHRONOUS DC-DC BUCK CONVERTER
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP3418 Datasheet(HTML) 5 Page - Diodes Incorporated

  AP3418 Datasheet HTML 1Page - Diodes Incorporated AP3418 Datasheet HTML 2Page - Diodes Incorporated AP3418 Datasheet HTML 3Page - Diodes Incorporated AP3418 Datasheet HTML 4Page - Diodes Incorporated AP3418 Datasheet HTML 5Page - Diodes Incorporated AP3418 Datasheet HTML 6Page - Diodes Incorporated AP3418 Datasheet HTML 7Page - Diodes Incorporated AP3418 Datasheet HTML 8Page - Diodes Incorporated AP3418 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
AP3418
Document number: DS37233 Rev. 3 - 2
5 of 11
www.diodes.com
November 2014
© Diodes Incorporated
AP3418
A Product Line of
Diodes Incorporated
Performance Characteristics (VIN = 5V, TA = +25ºC, unless otherwise specified.)
Efficiency vs. Output Current
Efficiency vs. Input Voltage
Reference Voltage vs. Temperature
Switch Current Limit vs. Temperature
Frequency vs. Input Voltage
Frequency vs. Temperature
-40
-20
0
20
40
60
80
100
120
140
1.8
2.0
2.2
2.4
2.6
2.8
Temperature (
oC)
V
IN
= 5.0V
-40
-20
0
20
40
60
80
100
120
140
0.56
0.57
0.58
0.59
0.60
0.61
0.62
0.63
0.64
Temperature (
oC)
V
IN
= 5.0V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
1.20
1.25
1.30
1.35
1.40
1.45
1.50
1.55
1.60
1.65
1.70
Input Voltage (V)
-40
-20
0
20
40
60
80
100
120
140
1.0
1.1
1.2
1.3
1.4
1.5
1.6
1.7
Temperature (
oC)
V
IN
= V
EN
= 5.0V
2.5
3.0
3.5
4.0
4.5
5.0
5.5
40
45
50
55
60
65
70
75
80
85
90
95
100
Input Voltage (V)
V
OUT
= 1.8V
I
OUT
= 1.5A
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
60
65
70
75
80
85
90
95
100
Output Current (A)
V
IN
= 5.0V
V
OUT
=1.8V



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com