Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2480CDD Datasheet(PDF) 12 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC2480CDD Datasheet HTML 8Page - Linear Technology LTC2480CDD Datasheet HTML 9Page - Linear Technology LTC2480CDD Datasheet HTML 10Page - Linear Technology LTC2480CDD Datasheet HTML 11Page - Linear Technology LTC2480CDD Datasheet HTML 12Page - Linear Technology LTC2480CDD Datasheet HTML 13Page - Linear Technology LTC2480CDD Datasheet HTML 14Page - Linear Technology LTC2480CDD Datasheet HTML 15Page - Linear Technology LTC2480CDD Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 40 page
background image
12
LTC2480
2480f
CS
SDO
SCK
SDI
t1
t3
t7
t8
SLEEP
tKQMAX
CONVERSION
DATA IN/OUT
tKQMIN
t2
2480 TD1
TI I G DIAGRA S
Timing Diagram Using Internal SCK
APPLICATIO S I FOR ATIO
Timing Diagram Using External SCK
CS
SDO
SCK
SDI
t1
t5
t6
t4
t7
t8
SLEEP
tKQMAX
CONVERSION
DATA IN/OUT
tKQMIN
t2
2480 TD2
CONVERTER OPERATION
Converter Operation Cycle
The LTC2480 is a low power, delta-sigma analog-to-
digital converter with an easy to use 4-wire serial interface
and automatic differential input current cancellation. Its
operation is made up of three states. The converter oper-
ating cycle begins with the conversion, followed by the low
power sleep state and ends with the data output (see
Figure 1). The 4-wire interface consists of serial data
output (SDO), serial clock (SCK), chip select (CS) and
serial data input (SDI).
Initially, the LTC2480 performs a conversion. Once the
conversion is complete, the device enters the sleep state.
CONVERT
SLEEP
DATA OUTPUT
CONFIGURATION INPUT
2480 F01
TRUE
FALSE
CS = LOW
AND
SCK
Figure 1. LTC2480 State Transition Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com