Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2480CDD Datasheet(PDF) 20 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC2480CDD Datasheet HTML 16Page - Linear Technology LTC2480CDD Datasheet HTML 17Page - Linear Technology LTC2480CDD Datasheet HTML 18Page - Linear Technology LTC2480CDD Datasheet HTML 19Page - Linear Technology LTC2480CDD Datasheet HTML 20Page - Linear Technology LTC2480CDD Datasheet HTML 21Page - Linear Technology LTC2480CDD Datasheet HTML 22Page - Linear Technology LTC2480CDD Datasheet HTML 23Page - Linear Technology LTC2480CDD Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 40 page
background image
20
LTC2480
2480f
temperature dependent offset error due to the input
leakage current. A 1nA input leakage current will develop
a 1ppm offset error on a 5k resistor if VREF = 5V. This error
has a very strong temperature dependency.
SERIAL INTERFACE TIMING MODES
The LTC2480’s 4-wire interface is SPI and MICROWIRE
compatible. This interface offers several flexible modes of
operation. These include internal/external serial clock,
3- or 4-wire I/O, single cycle or continuous conversion.
The following sections describe each of these serial inter-
face timing modes in detail. In all these cases, the con-
verter can use the internal oscillator (FO = LOW or FO =
HIGH) or an external oscillator connected to the FO pin.
Refer to Table 6 for a summary.
External Serial Clock, Single Cycle Operation
(SPI/MICROWIRE Compatible)
This timing mode uses an external serial clock to shift out
the conversion result and a CS signal to monitor and
control the state of the conversion cycle, see Figure 5.
The serial clock mode is selected on the falling edge of CS.
To select the external serial clock mode, the serial clock pin
(SCK) must be LOW during each CS falling edge.
The serial data output pin (SDO) is Hi-Z as long as CS is
HIGH. At any time during the conversion cycle, CS may be
pulled LOW in order to monitor the state of the converter.
While CS is pulled LOW, EOC is output to the SDO pin.
EOC = 1 while a conversion is in progress and EOC = 0 if
the device is in the sleep state. Independent of CS, the
device automatically enters the low power sleep state once
the conversion is complete.
When the device is in the sleep state, its conversion result
is held in an internal static shift register. The device
remains in the sleep state until the first rising edge of SCK
is seen while CS is LOW. The input data is then shifted in
via the SDI pin on the rising edge of SCK (including the
first rising edge) and the output data is shifted out of the
SDO pin on each falling edge of SCK. This enables
external circuitry to latch the output on the rising edge of
SCK. EOC can be latched on the first rising edge of SCK
and the last bit of the conversion result can be latched on
the 24th rising edge of SCK. On the 24th falling edge of
SCK, the device begins a new conversion. SDO goes HIGH
(EOC = 1) indicating a conversion is in progress. In
applications where the processor generates 32 clock
cycles, or to remain compatible with higher resolution
converters, the LTC2480’s digital interface will ignore
extra clock edges seen during the next conversion period
after the 24th and outputs “1” for the extra clock cycles.
At the conclusion of the data cycle, CS may remain LOW
and EOC monitored as an end-of-conversion interrupt.
Alternatively, CS may be driven HIGH setting SDO to Hi-Z.
As described above, CS may be pulled LOW at any time in
order to monitor the conversion status.
Typically, CS remains LOW during the data output state.
However, the data output state may be aborted by pulling
CS HIGH anytime between the first rising edge and the 24th
falling edge of SCK (see Figure 6). On the rising edge of CS,
the device aborts the data output state and immediately
initiates a new conversion. If the device has not finished
loading the last input bit SPD of SDI by the time CS is pulled
HIGH, the SDI information is discarded and the previous
configuration is kept. This is useful for systems not requir-
ing all 24 bits of output data, aborting an invalid conversion
cycle or synchronizing the start of a conversion.
APPLICATIO S I FOR ATIO
Table 6. LTC2480 Interface Timing Modes
CONVERSION
DATA
CONNECTION
SCK
CYCLE
OUTPUT
and
CONFIGURATION
SOURCE
CONTROL
CONTROL
WAVEFORMS
External SCK, Single Cycle Conversion
External
CS and SCK
CS and SCK
Figures 5, 6
External SCK, 3-Wire I/O
External
SCK
SCK
Figure 7
Internal SCK, Single Cycle Conversion
Internal
CS
↓
CS
↓
Figures 8, 9
Internal SCK, 3-Wire I/O, Continuous Conversion
Internal
Continuous
Internal
Figure 10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com