Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2480CDD Datasheet(PDF) 4 Page - Linear Technology

Part # LTC2480CDD
Description  16-Bit ADC with Easy Drive
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2480CDD Datasheet(HTML) 4 Page - Linear Technology

  LTC2480CDD Datasheet HTML 1Page - Linear Technology LTC2480CDD Datasheet HTML 2Page - Linear Technology LTC2480CDD Datasheet HTML 3Page - Linear Technology LTC2480CDD Datasheet HTML 4Page - Linear Technology LTC2480CDD Datasheet HTML 5Page - Linear Technology LTC2480CDD Datasheet HTML 6Page - Linear Technology LTC2480CDD Datasheet HTML 7Page - Linear Technology LTC2480CDD Datasheet HTML 8Page - Linear Technology LTC2480CDD Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 40 page
background image
4
LTC2480
2480f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
CS (IN
+)IN+ Sampling Capacitance
11
pF
CS (IN
–)IN– Sampling Capacitance
11
pF
CS (VREF)VREF Sampling Capacitance
11
pF
IDC_LEAK (IN+)IN+ DC Leakage Current
Sleep Mode, IN+ = GND
●
–10
1
10
nA
IDC_LEAK (IN–)IN– DC Leakage Current
Sleep Mode, IN– = GND
●
–10
1
10
nA
IDC_LEAK (VREF)VREF DC Leakage Current
Sleep Mode, VREF = VCC
●
–100
1
100
nA
The
● denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. (Note 3)
A ALOG I PUT A D REFERE CE
The
● denotes specifications which apply over the full
operating temperature range, otherwise specifications are at TA = 25°C. (Note 3)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIH
High Level Input Voltage
2.7V
≤ VCC ≤ 5.5V
●
VCC – 0.5
V
CS, FO, SDI
VIL
Low Level Input Voltage
2.7V
≤ VCC ≤ 5.5V
●
0.5
V
CS, FO, SDI
VIH
High Level Input Voltage
2.7V
≤ VCC ≤ 5.5V (Note 10)
●
VCC – 0.5
V
SCK
VIL
Low Level Input Voltage
2.7V
≤ VCC ≤ 5.5V (Note 10)
●
0.5
V
SCK
IIN
Digital Input Current
0V
≤ VIN ≤ VCC
●
–10
10
µA
CS, FO, SDI
IIN
Digital Input Current
0V
≤ VIN ≤ VCC (Note 10)
●
–10
10
µA
SCK
CIN
Digital Input Capacitance
10
pF
CS, FO, SDI
CIN
Digital Input Capacitance
10
pF
SCK
VOH
High Level Output Voltage
IO = –800µA
●
VCC – 0.5
V
SDO
VOL
Low Level Output Voltage
IO = 1.6mA
●
0.4
V
SDO
VOH
High Level Output Voltage
IO = –800µA
●
VCC – 0.5
V
SCK
VOL
Low Level Output Voltage
IO = 1.6mA
●
0.4
V
SCK
IOZ
Hi-Z Output Leakage
●
–10
10
µA
SDO
DIGITAL I PUTS A D DIGITAL OUTPUTS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VCC
Supply Voltage
●
2.7
5.5
V
ICC
Supply Current
Conversion Mode (Note 12)
●
160
250
µA
Sleep Mode (Note 12)
●
12
µA
The
● denotes specifications which apply over the full operating temperature range,
otherwise specifications are at TA = 25°C. (Note 3)
POWER REQUIRE E TS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com