Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2605IGN Datasheet(PDF) 2 Page - Linear Technology

Part # LTC2605IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGN Datasheet(HTML) 2 Page - Linear Technology

  LTC2605IGN Datasheet HTML 1Page - Linear Technology LTC2605IGN Datasheet HTML 2Page - Linear Technology LTC2605IGN Datasheet HTML 3Page - Linear Technology LTC2605IGN Datasheet HTML 4Page - Linear Technology LTC2605IGN Datasheet HTML 5Page - Linear Technology LTC2605IGN Datasheet HTML 6Page - Linear Technology LTC2605IGN Datasheet HTML 7Page - Linear Technology LTC2605IGN Datasheet HTML 8Page - Linear Technology LTC2605IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LTC2605/LTC2615/LTC2625
2605f
A
G
A
U
A
R
BSOLUTEXI
TI
S
ORDER PART NUMBER
PACKAGE/ORDER I FOR ATIO
Any Pin to GND ........................................... – 0.3V to 6V
Any Pin to VCC .............................................– 6V to 0.3V
Maximum Junction Temperature .......................... 125
°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
1
2
3
4
5
6
7
8
TOP VIEW
16
15
14
13
12
11
10
9
GND
VOUT A
VOUT B
VOUT C
VOUT D
GN PACKAGE
16-LEAD PLASTIC SSOP
REF
CA2
SCL
VCC
VOUT H
VOUT G
VOUT F
VOUT E
CA0
CA1
SDA
TJMAX = 125°C, θJA = 150°C/W
LTC2605CGN
LTC2605CGN-1
LTC2605IGN
LTC2605IGN-1
LTC2615CGN
LTC2615CGN-1
LTC2615IGN
LTC2615IGN-1
LTC2625CGN
LTC2625CGN-1
LTC2625IGN
LTC2625IGN-1
Consult LTC Marketing for parts specified with wider operating temperature ranges.
2605
26051
2605I
26O5I1
2615
26151
2615I
2615I1
2625
26251
2625I
2625I1
(Note 1)
Operating Temperature Range
LTC2605C/LTC2615C/LTC2625C ............. 0
°C to 70°C
LTC2605C-1/LTC2615C-1/LTC2625C-1 ... 0
°C to 70°C
LTC2605I/LTC2615I/LTC2625I ............ – 40
°C to 85°C
LTC2605I-1/LTC2615I-1/LTC2625I-1 .. – 40
°C to 85°C
GN PART MARKING
ELECTRICAL C
C
HARA TERISTICS The denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted.
LTC2625/-1
LTC2615/-1
LTC2605/-1
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
DC Performance
Resolution
12
14
16
Bits
Monotonicity
(Note 2)
12
14
16
Bits
DNL
Differential Nonlinearity
(Note 2)
±0.5
±1
±1LSB
INL
Integral Nonlinearity
(Note 2)
±1
±4
±4
±16
±18 ±64
LSB
Load Regulation
VREF = VCC = 5V, Midscale
IOUT = 0mA to 15mA Sourcing
0.02 0.125
0.07
0.5
0.3
2
LSB/mA
IOUT = 0mA to 15mA Sinking
0.03 0.125
0.10
0.5
0.4
2
LSB/mA
VREF = VCC = 2.7V, Midscale
IOUT = 0mA to 7.5mA Sourcing
0.04
0.25
0.15
1
0.6
4
LSB/mA
IOUT = 0mA to 7.5mA Sinking
0.07
0.25
0.20
1
0.8
4
LSB/mA
ZSE
Zero-Scale Error
Code = 0
1.7
9
1.7
9
1.7
9
mV
VOS
Offset Error
(Note 4)
±1
±9
±1
±9
±1
±9mV
VOS Temperature
±5
±5
±5
µV/°C
Coefficient
GE
Gain Error
±0.1 ±0.7
±0.1 ±0.7
±0.1 ±0.7
%FSR
Gain Temperature
±8
±8
±8
ppm/
°C
Coefficient



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com