Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC2605IGN Datasheet(PDF) 3 Page - Linear Technology

Part # LTC2605IGN
Description  Octal 16-/14-/12-Bit Rail-to-Rail DACs in 16-Lead SSOP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2605IGN Datasheet(HTML) 3 Page - Linear Technology

  LTC2605IGN Datasheet HTML 1Page - Linear Technology LTC2605IGN Datasheet HTML 2Page - Linear Technology LTC2605IGN Datasheet HTML 3Page - Linear Technology LTC2605IGN Datasheet HTML 4Page - Linear Technology LTC2605IGN Datasheet HTML 5Page - Linear Technology LTC2605IGN Datasheet HTML 6Page - Linear Technology LTC2605IGN Datasheet HTML 7Page - Linear Technology LTC2605IGN Datasheet HTML 8Page - Linear Technology LTC2605IGN Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LTC2605/LTC2615/LTC2625
2605f
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
The
denotes specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. REF = 4.096V (VCC = 5V), REF = 2.048V (VCC = 2.7V), VOUT unloaded,
unless otherwise noted. (Note 9)
ELECTRICAL C
C
HARA TERISTICS
PSR
Power Supply Rejection
VCC ±10%
–80
dB
ROUT
DC Output Impedance
VREF = VCC = 5V, Midscale; –15mA ≤ IOUT ≤ 15mA
0.02
0.15
VREF = VCC = 2.7V, Midscale; –7.5mA ≤ IOUT ≤ 7.5mA
0.03
0.15
DC Crosstalk (Note 10)
Due to Full Scale Output Change (Note 11)
±10
µV
Due to Load Current Change
±3.5
µV/mA
Due to Powering Down (per Channel)
±7
µV
ISC
Short-Circuit Output Current
VCC = 5.5V, VREF = 5.5V
Code: Zero Scale; Forcing Output to VCC
15
34
60
mA
Code: Full Scale; Forcing Output to GND
15
34
60
mA
VCC = 2.7V, VREF = 2.7V
Code: Zero Scale; Forcing Output to VCC
7.5
20
50
mA
Code: Full Scale; Forcing Output to GND
7.5
27
50
mA
Reference Input
Input Voltage Range
0VCC
V
Resistance
Normal Mode
11
16
20
k
Capacitance
90
pF
IREF
Reference Current, Power Down Mode
DAC Powered Down
0.001
1
µA
Power Supply
VCC
Positive Supply Voltage
For Specified Performance
2.7
5.5
V
ICC
Supply Current
VCC = 5V (Note 3)
2.50
4.0
mA
VCC = 3V (Note 3)
2.00
3.2
mA
DAC Powered Down (Note 3) VCC = 5V
0.38
1.0
µA
DAC Powered Down (Note 3) VCC = 3V
0.16
1.0
µA
Digital I/O (Note 9)
VIL
Low Level Input Voltage
0.3VCC
V
(SDA and SCL)
VIH
High Level Input Voltage
0.7VCC
V
(SDA and SCL)
VIL(CA)
Low Level Input Voltage (CA0 to CA2)
See Test Circuit 1
0.15VCC
V
VIH(CA)
High Level Input Voltage (CA0 to CA2)
See Test Circuit 1
0.85VCC
V
RINH
Resistance from CAn (n = 0,1,2)
See Test Circuit 2
10
k
to VCC to Set CAn = VCC
RINL
Resistance from CAn (n = 0,1,2)
See Test Circuit 2
10
k
to GND to Set CAn = GND
RINF
Resistance from CAn (n = 0,1,2)
See Test Circuit 2
2M
to VCC or GND to Set CAn = FLOAT
VOL
Low Level Output Voltage
Sink Current = 3mA
0
0.4
V
tOF
Output Fall Time
VO = VIH(MIN) to VO = VIL(MAX),
20 + 0.1CB
250
ns
CB = 10pF to 400pF (Note 7)
tSP
Pulse Width of Spikes Surpassed
050
ns
by Input Filter
IIN
Input Leakage
0.1VCC ≤ VIN ≤ 0.9VCC
1
µA
CIN
I/O Pin Capacitance
(Note 12)
10
pF
CB
Capacitance Load for Each Bus Line
400
pF
CCAn
External Capacitive Load on
10
pF
Address Pins CA0, CA1 and CA2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com