Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM70S Datasheet(PDF) 11 Page - Advanced XTAL Products

Part # AXIOM70S
Description  Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM70S Datasheet(HTML) 11 Page - Advanced XTAL Products

Back Button AXIOM70S Datasheet HTML 5Page - Advanced XTAL Products AXIOM70S Datasheet HTML 6Page - Advanced XTAL Products AXIOM70S Datasheet HTML 7Page - Advanced XTAL Products AXIOM70S Datasheet HTML 8Page - Advanced XTAL Products AXIOM70S Datasheet HTML 9Page - Advanced XTAL Products AXIOM70S Datasheet HTML 10Page - Advanced XTAL Products AXIOM70S Datasheet HTML 11Page - Advanced XTAL Products AXIOM70S Datasheet HTML 12Page - Advanced XTAL Products AXIOM70S Datasheet HTML 13Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM70SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 11(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
6. Radiation
The oscillator is capable of meeting all electrical performance requirements after exposure to a total ionizing
dose (TID) of 10 krad(Si). The radiation performance can be verified by a radiation test (Co 60) on request.
7. Components, Materials and Processes
The FM and LAT models are built on the basis of the following requirements for components, materials and
processes:
All add-on components are commercial off-the-shelf (COTS) versions. Capacitors are compliant with
the requirements of AEC-Q200.
The quartz crystal has a hermetically sealed package.
All active components are radiation tolerant. The crystal is made of synthetic high Q quartz material
with low inclusion density and low etch channel density (according to IEC 60758).
Soldering is done by ESA approved personal in accordance with ECSS-Q-ST-70-08C (manual soldering)
and ECSS-Q-ST-70-38C (surface mount and mixed technology).
No pure tin is used inside the oscillator, as package or lead finish.
The printed circuit board (PCB) is commercially procured.
The marking is resistant to Zestron VD, Isopropyl alcohol (99% pure) and Ethyl alcohol (99.5% pure),
tested in accordance with ESCC24800.
8. Marking
The marking of the parts is accordance with ESCC21700. The content is as follows:
(1) Company Logo AXTAL
(2) Part number AXTAL (according to order code)
(3) Part number Customer (on request)
(4) Nominal frequency
(5) Serial number
(6) Date Code



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com