Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM70S Datasheet(PDF) 12 Page - Advanced XTAL Products

Part # AXIOM70S
Description  Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM70S Datasheet(HTML) 12 Page - Advanced XTAL Products

Back Button AXIOM70S Datasheet HTML 5Page - Advanced XTAL Products AXIOM70S Datasheet HTML 6Page - Advanced XTAL Products AXIOM70S Datasheet HTML 7Page - Advanced XTAL Products AXIOM70S Datasheet HTML 8Page - Advanced XTAL Products AXIOM70S Datasheet HTML 9Page - Advanced XTAL Products AXIOM70S Datasheet HTML 10Page - Advanced XTAL Products AXIOM70S Datasheet HTML 11Page - Advanced XTAL Products AXIOM70S Datasheet HTML 12Page - Advanced XTAL Products AXIOM70S Datasheet HTML 13Page - Advanced XTAL Products  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM70SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 12(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
9. Data Documentation
General
With each delivery the following data documentation package is supplied:
(1) Cover sheet
(2) Certificate of Conformity (CoC)
(3) Test data (full report of all inspections)
(4) Failed component list and failure analysis report (if applicable)
For the first delivery the following additional documents can be delivered on request:
Product Technical Description
Equipment list (Testing & Measuring)
Parts Stress Analysis
Product Reliability Analysis
Radiation Report
Cover sheet
The cover sheet includes the following content:
Full company information (Logo, Name, Address)
Type and specification (part number and revision)
Nominal frequency
Number of purchase order
Lot identification
Range of serial numbers
Number of delivered parts
List of delivered documents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com