Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXIOM70S Datasheet(PDF) 5 Page - Advanced XTAL Products

Part # AXIOM70S
Description  Low Phase Noise 10 MHz OCXO with HCMOS output for Space Application (COTS)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXTAL [Advanced XTAL Products]
Direct Link  http://www.axtal.com/index-engl.html
Logo AXTAL - Advanced XTAL Products

AXIOM70S Datasheet(HTML) 5 Page - Advanced XTAL Products

  AXIOM70S Datasheet HTML 1Page - Advanced XTAL Products AXIOM70S Datasheet HTML 2Page - Advanced XTAL Products AXIOM70S Datasheet HTML 3Page - Advanced XTAL Products AXIOM70S Datasheet HTML 4Page - Advanced XTAL Products AXIOM70S Datasheet HTML 5Page - Advanced XTAL Products AXIOM70S Datasheet HTML 6Page - Advanced XTAL Products AXIOM70S Datasheet HTML 7Page - Advanced XTAL Products AXIOM70S Datasheet HTML 8Page - Advanced XTAL Products AXIOM70S Datasheet HTML 9Page - Advanced XTAL Products Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
Designed and
Manufactured
in Germany
Designed and
Manufactured
in Germany
AXIOM70SL Rev.1
www.axtal.com
Roemerring 9
Drawing D0
fon: +49 (6261) 939834
D-74821 Mosbach
Page 5(13)
fax: +49 (6261) 939836
Germany
E-mail: info@axtal.com
GmbH & Co. KG
3. Applicable documents
The following specifications and standards are part of this specification:
ECSS-Q-ST-70-08C
The manual soldering of high-reliability electrical connections
ECSS-Q-ST-70-38C
High-reliability soldering for surface-mount and mixed technology
ESCC21300
Terms, Definitions, Abbreviations, Symbols and Units
ESCC21700
General Requirements for the marking of ESCC components
MIL-STD-55310
General specification for crystal controlled oscillators
MIL-STD-202
Test Method Standard for electronic and electrical component parts
MIL-STD-883
Test Method Standard for Microcircuits
IEC 60679-1
Quartz crystal controlled oscillators of assessed quality
Part 1: Generic specification
Order of precedence
In the event of a conflict between the text of this specification and the references cited herein, the order of
precedence shall be as follows:
(1) Purchase order
(2) Oscillator detail specification AXIOM70SL
(3) Generic specification MIL-PRF-55310
(4) Other documents



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com