Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSINT2012 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # APSINT2012
Description  2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSINT2012 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  APSINT2012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Features
Reliable Power for Mobile, Emergency and Remote Sites
Generates safe, stable, computer-grade 230V AC power from 12V battery bank
q
Ideal for powering tools, saws, motors, pumps, portable lighting, appliances and computer equipment in
heavy-load conditions
q
Designed for easy installation in RVs, over-the-road trucks, fleet vehicles and conversion vans
q
Functions as a vehicle inverter, standalone AC power source or extended-run UPS
q
Unlimited runtime with variety of user-supplied batteries
q
Meets Normal and Peak Power Demands
2000W of continuous power
q
3000W of reserve power up to 1 hr.
q
4000W of peak power up to 10 sec. to accommodate surge power demands during equipment startup
and cycling
q
Automatic overload detector, built-in cooling fan and resettable AC circuit breakers protect unit from
damage
q
High-current DC input terminals for simple hardwired installation
q
Automatic Transfer Switching
Transfer relay switches to inverter power during blackout in 20 ms
q
3-position switch enables Auto, Charge Only or System Off mode
q
DIP switches configure high and low voltage auto-transfer
q
3-Stage 15/60A Selectable Battery Charger
Serves as battery charger when external 230V AC power is supplied and powering connected
equipment
q
Protects battery from overcharging and overdischarging
q
Low-battery protection prevents excessive battery depletion
q
DIP switches configure wet/gel charging profiles
q
Optional Remote Control Capability
RJ45 communication port allows connection of optional remote control module, such as Tripp Lite’s
APSRM4
q
Front-Panel LEDs
Indicate AC/DC operational modes, overload status, DC voltage level, shutdown status and system fault
status
q
Rugged Polycarbonate Housing
Resists moisture, vibration and impact
q
Built-in mounting feet for installation on any rigid horizontal surface
q
2 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com