Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSINT2012 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # APSINT2012
Description  2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSINT2012 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  APSINT2012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
2000W APS INT Series 12VDC 230V
Inverter/Charger with Auto Transfer Switching,
Hardwired
MODEL NUMBER: APSINT2012
Portable 2000W power source for any type of equipment from power tools to computers as a vehicle
inverter, standalone AC power source or extended-run UPS. Ideal for RVs, over-the-road trucks, fleet
vehicles and conversion vans.
Description
The APSINT2012 2000W APS INT Series 12V DC 230V AC Inverter/Charger is a reliable power source
for a wide variety of equipment ranging from power tools and pumps to portable lighting and computer
equipment in heavy-load conditions. With no fumes, fuel or excess noise, it’s an excellent alternative to
generator power.
The DC-to-AC inverter features an automatic line-to-battery transfer switch and integrated charging
system that allow it to work as a vehicle inverter, standalone AC power source or extended-run UPS. It
delivers 2000W of continuous power, 3000W up to one hour, or 4000W of peak power up to 10 seconds
during equipment startup or cycling. An automatic overload detector, cooling fan and resettable AC circuit
breakers protect the unit from damage.
Designed for easy installation in RVs, over-the-road trucks, fleet vehicles and conversion vans, the
APSINT2012 converts stored power from any 12V battery or automotive DC source to safe, stable,
computer-grade AC power for unlimited runtime in heavy-load conditions. When powered by an external
AC source, the unit keeps the user-supplied battery charged via a three-stage 15/60A selectable charging
system while simultaneously delivering AC power to connected equipment.
When used as a UPS, the APSINT2012 responds to blackouts and brownouts with an automatic,
instantaneous transfer to battery-derived AC output. LEDs indicate AC/DC operational modes, overload
status, DC voltage level, shutdown and system fault.
Highlights
Delivers clean 230V AC power
from AC or DC power source
q
2000W continuous output
power; 4000W peak power
q
Auto-transfer switching option
for UPS operation
q
Protects against blackouts,
surges and EMI/RFI line noise
q
Rugged polycarbonate housing
resists moisture and impact
q
Package Includes
APSINT2012 2000W APS INT
Series 12V DC 230V AC
Inverter/Charger
q
Owner’s manual
q
1 / 5


Similar Part No. - APSINT2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APSINT2012 ETC2-APSINT2012 Datasheet
504Kb / 4P
PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
More results

Similar Description - APSINT2012

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
APS750 ETC2-APS750 Datasheet
161Kb / 4P
PowerVerter APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS750 ETC2-APS750_14 Datasheet
533Kb / 6P
PowerVerter짰 APS 750W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS1250 ETC2-APS1250 Datasheet
529Kb / 6P
PowerVerter짰 APS 1250W Inverter/Charger with Auto-Transfer Switching and 2 Outlets
APS2012 ETC2-APS2012 Datasheet
516Kb / 6P
PowerVerter짰 APS 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
APS2424 ETC2-APS2424 Datasheet
511Kb / 6P
PowerVerter짰 APS 2400W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
APSINT2012 ETC2-APSINT2012 Datasheet
504Kb / 4P
PowerVerter짰 APS INT Series 2000W Inverter/Charger with Auto-Transfer Switching and Hardwire Input/Output
logo
Tripp Lite. All Rights ...
APSX1012SW TRIPPLITE-APSX1012SW Datasheet
551Kb / 3P
PowerVerter APS INT 1000W 12VDC 230V Inverter/Charger with Pure Sine Wave Output, Hardwired
APSX1250 TRIPPLITE-APSX1250 Datasheet
509Kb / 4P
PowerVerter APS X 1250W 12VDC 230V Inverter/Charger with Auto-Transfer Switching, 2-C13 Outlets
APSX2012SW TRIPPLITE-APSX2012SW Datasheet
544Kb / 3P
PowerVerter APS INT 2000W 12VDC 230V
APS3636VR TRIPPLITE-APS3636VR Datasheet
187Kb / 5P
3600W PowerVerter APS 36VDC 120V Inverter/Charger with Auto-Transfer Switching
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com