Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APSINT2012 Datasheet(PDF) 4 Page - Tripp Lite. All Rights Reserved

Part # APSINT2012
Description  2000W APS INT Series 12VDC 230V Inverter/Charger with Auto Transfer Switching, Hardwired
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

APSINT2012 Datasheet(HTML) 4 Page - Tripp Lite. All Rights Reserved

  APSINT2012 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 3Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 4Page - Tripp Lite. All Rights Reserved APSINT2012 Datasheet HTML 5Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
USER INTERFACE, ALERTS & CONTROLS
Front Panel LEDs
Set of 6 LEDs offer continuous status information on load percentage (6 levels reported) and battery charge level (7
levels reported). See manual for sequences.
Switches
3 position on/off/remote switch enables simple on/off power control plus "auto/remote" setting that enables distant
on/off control of the inverter system when used in conjunction with optional&nbsp;<a class="productLink"
href="//www.tripplite.com/Remote-Control-Module-Tripp-Lite-PowerVerter-Inverters-Inverter-
Chargers~APSRM4">APSRM4</a>&nbsp;accessory when used in inverter mode. In AC uninterruptible power
mode, "auto/remote" setting enables automatic transfer from line power to battery power - to maintain continuous AC
power to connected loads.
PHYSICAL
Shipping Dimensions (hwd / in.)
13.25 x 15.00 x 21.13
Shipping Dimensions (hwd / cm)
33.66 x 38.10 x 53.67
Shipping Weight (lbs.)
46.00
Shipping Weight (kg)
20.87
Unit Dimensions (hwd / in.)
7 x 8.5 x 14
Unit Dimensions (hwd / cm)
17.78 x 21.59 x 35.56
Unit Weight (lbs.)
42
Unit Weight (kg)
19.05
Cooling Method
Multi-speed fan
Material of Construction
Polycarbonate
Form Factors Supported
Mounting slots enable permanent placement of inverter on any horizontal surface (see manual for additional
mounting information)
ENVIRONMENTAL
Relative Humidity
0-95% non-condensing
LINE / BATTERY TRANSFER
Transfer Time (Line Power to
Battery Mode)
20 milliseconds (typical - compatible with many computers, servers and networking equipment - verify transfer time
compatibility of loads for UPS applications)
Low Voltage Transfer to Battery
Power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage drops to 144V (user adjustable to 163,
182, 201V - see manual)
High Voltage Transfer to Battery
Power
In AC "auto" mode, inverter/charger switches to battery mode as line voltage increases to 259V (user adjustable to
264 - see manual)
SPECIAL FEATURES
Load Sensing
Optional load sense function enables automatic inverter shutoff and startup as connected equipment is powered off
and on. Front panel load sense potentiometer can be set to shutoff or turn on inverter power in response to loads of
any level, up to 150 watts.
WARRANTY
Product Warranty Period (U.S. &
Canada)
1-year limited warranty
4 / 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com