| Electronic Components Datasheet Search |
|
HT46R65 Datasheet(PDF) 19 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R65 Datasheet(HTML) 19 Page - Holtek Semiconductor Inc |
|
19 / 48 page ![]() HT46R65/HT46C65 Rev. 1.80 19 July 14, 2005 To enable the counting operation, the Timer ON bit (T0ON: bit 4 of TMR0C; T1ON: 4 bit of TMR1C) should be set to 1. In the pulse width measurement mode, the T0ON/T1ON is automatically cleared after the measure- ment cycle is completed. But in the other two modes, the T0ON/T1ON can only be reset by instructions. The overflow of the Timer/Event Counter 0/1 is one of the wake-up sources and can also be applied to a PFD (Pro- grammable Frequency Divider) output at PA3 by op- tions. Only one PFD (PFD0 or PFD1) can be applied to PA3 by options. If PA3 is set as PFD output, there are two types of selections; One is PFD0 as the PFD output, the other is PFD1 as the PFD output. PFD0, PFD1 are the timer overflow signals of the Timer/Event Counter 0, Timer/Event Counter 1 respectively. No matter what the operation mode is, writinga0to ET0I or ET1I disables the related interrupt service. When the PFD function is selected, executing ²SET [PA].3² instruction to enable PFD output and executing ²CLR [PA].3² instruction to disable PFD output. In the case of timer/event counter OFF condition, writing data to the timer/event counter preload register also re- loads that data to the timer/event counter. But if the timer/event counter is turn on, data written to the timer/event counter is kept only in the timer/event coun- ter preload register. The timer/event counter still contin- ues its operation until an overflow occurs. When the timer/event counter (reading TMR0/TMR1) is read, the clock is blocked to avoid errors, as this may re- sults in a counting error. Blocking of the clock should be taken into account by the programmer. It is strongly rec- ommended to load a desired value into the TMR0/TMR1 register first, before turning on the related timer/event counter, for proper operation since the initial value of TMR0/TMR1 is unknown. Due to the timer/event coun- ter scheme, the programmer should pay special atten- tion on the instruction to enable then disable the timer for the first time, whenever there is a need to use the timer/event counter function, to avoid unpredictable re- sult. After this procedure, the timer/event function can be operated normally. The bit0~bit2 of the TMR0C can be used to define the pre-scaling stages of the internal clock sources of timer/event counter. The definitions are as shown. The overflow signal of timer/event counter can be used to generate the PFD signal. The timer prescaler is also used as the PWM counter. Input/Output Ports There are 24 bidirectional input/output lines in the microcontroller, labeled as PA, PB and PD, which are mapped to the data memory of [12H], [14H] and [18H] respectively. All of these I/O ports can be used for input and output operations. For input operation, these ports are non-latching, that is, the inputs must be ready at the T2 rising edge of instruction ²MOV A,[m]² (m=12H, 14H or 18H). For output operation, all the data is latched and remains unchanged until the output latch is rewritten. Each I/O line has its own control register (PAC, PBC, PDC) to control the input/output configuration. With this control register, CMOS output or Schmitt Trigger input with or without pull-high resistor structures can be re- configured dynamically under software control. To func- tion as an input, the corresponding latch of the control register must write ²1². The input source also depends on the control register. If the control register bit is ²1², the input will read the pad state. If the control register bit is ²0², the contents of the latches will move to the inter- nal bus. The latter is possible in the ²read-modify-write² instruction. For output function, CMOS is the only configuration. These control registers are mapped to locations 13H, 15H and 19H. After a chip reset, these input/output lines remain at high levels or floating state (depending on pull-high options). Each bit of these input/output latches can be set or cleared by ²SET [m].i² and ²CLR [m].i² (m=12H, 14H or 18H) instructions. Some instructions first input data and then follow the output operations. For example, ²SET [m].i², ²CLR [m].i ², ²CPL [m]², ²CPLA [m]² read the entire port states into the CPU, execute the defined operations (bit-operation), and then write the results back to the latches or the accumulator. Each line of port A has the capability of waking-up the device. Each I/O port has a pull-high option. Once the pull-high option is selected, the I/O port has a pull-high resistor, otherwise, there ¢s none. Take note that a non-pull-high I/O port operating in input mode will cause a floating state. The PA3 is pin-shared with the PFD signal. If the PFD option is selected, the output signal in output mode of PA3 will be the PFD signal generated by timer/event counter overflow signal. The input mode always retain its original functions. Once the PFD option is selected, the PFD output signal is controlled by PA3 data register only. Writing ²1² to PA3 data register will enable the PFD output function and writing 0 will force the PA3 to remain at ²0². The I/O functions of PA3 are shown below. I/O Mode I/P (Normal) O/P (Normal) I/P (PFD) O/P (PFD) PA3 Logical Input Logical Output Logical Input PFD (Timer on) Note: The PFD frequency is the timer/event counter overflow frequency divided by 2. The PA0, PA1, PA3, PD4, PD5, PD6 and PD7 are pin-shared with BZ, BZ, PFD, INT0, INT1, TMR0 and TMR1 pins respectively. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |