| Electronic Components Datasheet Search |
|
HT46R65 Datasheet(PDF) 38 Page - Holtek Semiconductor Inc |
|
|
|||||||||||||||||||||||||||||
HT46R65 Datasheet(HTML) 38 Page - Holtek Semiconductor Inc |
|
38 / 48 page ![]() RET Return from subroutine Description The program counter is restored from the stack. This is a 2-cycle instruction. Operation Program Counter ¬ Stack Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ RET A,x Return and place immediate data in the accumulator Description The program counter is restored from the stack and the accumulator loaded with the speci- fied 8-bit immediate data. Operation Program Counter ¬ Stack ACC ¬ x Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ RETI Return from interrupt Description The program counter is restored from the stack, and interrupts are enabled by setting the EMI bit. EMI is the enable master (global) interrupt bit. Operation Program Counter ¬ Stack EMI ¬ 1 Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ RL [m] Rotate data memory left Description The contents of the specified data memory are rotated 1 bit left with bit 7 rotated into bit 0. Operation [m].(i+1) ¬ [m].i; [m].i:bit i of the data memory (i=0~6) [m].0 ¬ [m].7 Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ RLA [m] Rotate data memory left and place result in the accumulator Description Data in the specified data memory is rotated 1 bit left with bit 7 rotated into bit 0, leaving the rotated result in the accumulator. The contents of the data memory remain unchanged. Operation ACC.(i+1) ¬ [m].i; [m].i:bit i of the data memory (i=0~6) ACC.0 ¬ [m].7 Affected flag(s) TO PDF OV Z AC C ¾¾¾¾¾¾ HT46R65/HT46C65 Rev. 1.80 38 July 14, 2005 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |