| Electronic Components Datasheet Search |
|
HDF0515D Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd |
|
|
|||||||||||||||||||||||||||||
HDF0515D Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd |
|
1 / 2 page ![]() SPECIFICATIONS INPUT Voltage See Model Selection Table Max. Input Current Input Full Load Voltage Input Current 5V 1.1 to 0.6A 12V 0.55 to 0.27A 24V 0.26 to 0.14A 48V 0.15 to 0.07A OUTPUT Output Voltage See Model Selection Table Set Point ±5% Regulation Total ±5% (5% to 100% load change) Noise & Ripple, (peak-to-peak) 5V Output 100 mV max. +12V, ±12V Output 120 mV +15V, ±15V Output 150 mV Output Current See Model Selection Table Short-Circuit Protection Special constant-current circuit provides indefinite protection against overload or short circuit FEATURES s UL1950 Recognized s Input-Output Isolation s Compact, Single In-Line Package s Single and Dual Output s Wide-Range Input s Input and Output Filters Insulation Resistance 100 M at 500 VDC Dielectric Strength 500 VDC for 1 minute ENVIRONMENTAL Operating Ambient Temp. –10 to +70°C (See Derating Chart) Storage Temp. –30 to +80°C 1500 VAC Isolation available on some models – consult the factory 1-800-634-3654 OUTPUT MODEL AND INPUT RANGE EFFIC. VOLTS AMPS 4.0-7.2VDC 8.0-16.5VDC 16-32VDC 28-60VDC 5 0.6 HDF0505S HDF1205S HDF2405S HDF4805S 77 - 80% 12 0.26 HDF0512S HDF1212S HDF2412S HDF4812S 80 - 85% 15 0.21 HDF0515S HDF1215S HDF2415S HDF4815S 80 - 85% ±12 0.125 HDF0512D HDF1212D HDF2412D HDF4812D 74 - 77% ±15 0.1 HDF0515D HDF1215D HDF2415D HDF4815D 74 - 77% MODEL SPECIFICATIONS DERATING CHART 3 Watt HD Series 1 0 –30 –10 50 70 80 2 3 HDF12XX, HDF24XX + IN – Input Capacitor Power Switching Circuit Feed back Dual Output Type Input Voltage Monitoring Cicuit Control Circuit 3 Terminals Voltage Reg. Switching Circuit OUT COM + – Output Voltage Detector Cicuit BLOCK DIAGRAM |
Similar Part No. - HDF0515D |
|
Similar Description - HDF0515D |
|
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |