Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6544 Datasheet(PDF) 3 Page - OKI electronic componets

Part # MSM6544
Description  42-DOT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6544 Datasheet(HTML) 3 Page - OKI electronic componets

  MSM6544 Datasheet HTML 1Page - OKI electronic componets MSM6544 Datasheet HTML 2Page - OKI electronic componets MSM6544 Datasheet HTML 3Page - OKI electronic componets MSM6544 Datasheet HTML 4Page - OKI electronic componets MSM6544 Datasheet HTML 5Page - OKI electronic componets MSM6544 Datasheet HTML 6Page - OKI electronic componets MSM6544 Datasheet HTML 7Page - OKI electronic componets MSM6544 Datasheet HTML 8Page - OKI electronic componets MSM6544 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MSM6544
¡ Semiconductor
3/12
PIN DESCRIPTIONS
• OSC-IN, OSC-C, OSC-R
An RC oscillator circuit for 3-pin type can be configured. Since the OSC-IN pin is in a high
input impedance state, it is susceptible to noise.
• DATA-IN
This is the display data input. When this pin is at "H" level, the segments are turned on and
when at "L" level, the segments are turned off.
• CLOCK
Pin for clocking display data in. Display data is shifted on the rising edge of the clock pulse.
• LOAD
This is the signal for latching the shift register data. When this pin is set at a "H" level, the shift
register data is transmitted to LATCH <A> or LATCH <B>.
• SEG1 - SEG42
These pins drive the LCD segments.
• COM-A, COM-B
These pins drive the LCD commons. COM-A and COM-B correspond to LATCH <A> output
and LATCH <B>output, respectively.
•VDD2
This is connected to the VDD1 pin internally.
•VLCM
This is the center bias pin of the LCD. Supply the middle voltage between VDD and VLCL.
•VLCL
This is the power supply pin of the LCD driver. The contrast of the LCD can be adjusted by
changing the voltage at this pin, but do not set the voltage less than the GND level.
• BLANK
This pin is used to test the all segment outputs (SEG1 to SEG42). All segment outputs are
turned off when this pin is set to "H" level. The display returns to the condition before the pin
was set to "H" level.
•VDD1, GND
These are power supply voltage and ground pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com