Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6544 Datasheet(PDF) 8 Page - OKI electronic componets

Part # MSM6544
Description  42-DOT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6544 Datasheet(HTML) 8 Page - OKI electronic componets

Back Button MSM6544 Datasheet HTML 4Page - OKI electronic componets MSM6544 Datasheet HTML 5Page - OKI electronic componets MSM6544 Datasheet HTML 6Page - OKI electronic componets MSM6544 Datasheet HTML 7Page - OKI electronic componets MSM6544 Datasheet HTML 8Page - OKI electronic componets MSM6544 Datasheet HTML 9Page - OKI electronic componets MSM6544 Datasheet HTML 10Page - OKI electronic componets MSM6544 Datasheet HTML 11Page - OKI electronic componets MSM6544 Datasheet HTML 12Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
MSM6544
¡ Semiconductor
8/12
FUNCTIONAL DESCRIPTION
Data Input
The data input consists of the following three timing sections:
i)
SEG-DATA section (42-bit)
ii)
SEL bit section (1-bit)
iii)
LOAD section
A total of 43 bits of 42-bit segment data and 1-bit select bit are taken in the 43-bit shift register
at the rising edge of the clock.
The segment data corresponds to "L" (segment OFF) and "H" (segment ON). Input the
segment data from SEG42 to SEG1 in this order.
The select bit following the segment data is a bit used to specify the transmit destination of
the segment data. The selection is performed as follows.
"L"
: LATCH <A> ; corresponds to COM-A
"H" : LATCH <B> ; corresponds to COM-B
The data from the shift register to LATCH <A> or LATCH <B> is transmitted when the LOAD
pin is at the "H" level.
The indication corresponding to the transmit destination latch is also changed at the same
time that data is transmitted.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com