Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM6544 Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM6544
Description  42-DOT LCD DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM6544 Datasheet(HTML) 1 Page - OKI electronic componets

  MSM6544 Datasheet HTML 1Page - OKI electronic componets MSM6544 Datasheet HTML 2Page - OKI electronic componets MSM6544 Datasheet HTML 3Page - OKI electronic componets MSM6544 Datasheet HTML 4Page - OKI electronic componets MSM6544 Datasheet HTML 5Page - OKI electronic componets MSM6544 Datasheet HTML 6Page - OKI electronic componets MSM6544 Datasheet HTML 7Page - OKI electronic componets MSM6544 Datasheet HTML 8Page - OKI electronic componets MSM6544 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
MSM6544
¡ Semiconductor
1/12
GENERAL DESCRIPTION
The MSM6544 is a 42-segment duplex driver which can drive the LCD panel up to a maximum
of 84 segments.
Since the package is a 56-pin small QFP, an LCD module can be compactly configured. An
internal RC oscillator is provided for ease of use.
FEATURES
• Power supply voltage (VDD) : 3 to 6V
• LCD driving voltage
: 3 to VDD
• Operating temperature
: –40 to +85
°C
• Applicable LCD panel
: 1/2 duty, 84 segments (Max)
• Data transmitting clock
: 4 MHz (Max)
• Package:
56-pin plastic QFP (QFP56-P-910-0.65-2K) (Product name : MSM6544GS-2K)
BLOCK DIAGRAM
SEG1
SEG42
BLANK
VDD1
VDD2
GND
LOAD
DATA
CLOCK
OSC-IN
OSC-C
OSC-R
COM-A
COM-B
VLCM
VLCL
42-BIT SI/PO
COMMON
DRIVER
1/32
D Q
OSC
<A>
42-BIT LATCH
<B>
42-BIT LATCH
42-DOT SEGMENT DRIVER
42-BIT SELECTOR
LL
¡ Semiconductor
MSM6544
42-DOT LCD DRIVER
E2B0009-27-Y2
This version: Nov. 1997
Previous version: Mar. 1996


Similar Part No. - MSM6544

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM6542-01 OKI-MSM6542-01 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-02 OKI-MSM6542-02 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6542-03 OKI-MSM6542-03 Datasheet
378Kb / 54P
REAL TIME CLOCK WITH PERIODIC AND ALARM OUTPUT
MSM6545 OKI-MSM6545 Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
MSM6545-XXGS-2K OKI-MSM6545-XXGS-2K Datasheet
153Kb / 13P
Operatable at 0.9 V and Built-in Buzzer Circuit 4-Bit Microcontroller
More results

Similar Description - MSM6544

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5300 OKI-MSM5300 Datasheet
176Kb / 10P
16-DOT LCD DRIVER
logo
Sanyo Semicon Device
LC79401D SANYO-LC79401D Datasheet
149Kb / 8P
Dot-Matrix LCD Driver
LC7940ND SANYO-LC7940ND Datasheet
214Kb / 11P
Dot-Matrix LCD Driver
LC7942ND SANYO-LC7942ND Datasheet
115Kb / 6P
Dot-Matrix LCD Driver?
LC79430D SANYO-LC79430D Datasheet
115Kb / 5P
Dot Matrix LCD Driver?
LC79431D SANYO-LC79431D Datasheet
96Kb / 5P
Dot Matrix LCD Driver?
LC7943D SANYO-LC7943D Datasheet
88Kb / 4P
Dot Matrix LCD Driver?
logo
List of Unclassifed Man...
SED1520D0A ETC-SED1520D0A Datasheet
204Kb / 52P
DOT MATRIX LCD DRIVER
logo
Toshiba Semiconductor
T6K11 TOSHIBA-T6K11 Datasheet
576Kb / 47P
DOT MATRIX LCD DRIVER
logo
List of Unclassifed Man...
SED1500 ETC-SED1500 Datasheet
590Kb / 32P
DOT MATRIX LCD DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com