Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2L110M Datasheet(PDF) 2 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2L110M
Description  TWO-PHASE HYBRID STEPPER MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2L110M Datasheet(HTML) 2 Page - MotionKing Motor Industry Co.,Ltd.

  2L110M Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
MotionKing (China) Motor Industry Co., Ltd.
2/5
MK054, Rev.01
3. Electrical and Mechanical Specifications
3.1 Electric Specifications (Tj = 25 ) ℃
2L110M
Parameters
Min.
Typical
Max.
Unit
Output current
0.45
-
7.8
Amps
Supply voltage
80
180
220
VAC
Logic signal current
7
10
16
mA
Pulse input frequency
0
-
400
Khz
Isolation resistance
500
-
-
MΩ
3.2 Mechanical Dimensions (unit = mm, 1 inch = 25.4 mm)
4. Driver Connectors, P1 and P2
Control Signal Connector P1 pins
Pin Function
Details
PUL﹢(+5V)
PUL- (PUL)
Pulse signal: in single pulse(pulse/direction) mode, this input represents pulse
signal, effective for each upward-rising edge; in double pulse mode
(pulse/pulse) this input represents clockwise(CW)pulse. For reliable response,
pulse width should be longer than 1.2us.
DIR+ (+5V)
DIR signal: in single-pulse mode, this signal has low/high voltage levels,



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com