Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2L110M Datasheet(PDF) 3 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2L110M
Description  TWO-PHASE HYBRID STEPPER MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2L110M Datasheet(HTML) 3 Page - MotionKing Motor Industry Co.,Ltd.

  2L110M Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MotionKing (China) Motor Industry Co., Ltd.
3/5
MK054, Rev.01
DIR- (DIR)
representing two directions of motor rotation; in double-pulse mode (set by
SW5), this signal is counter-clock (CCW) pulse, effective on each rising edge.
For reliable motion response, direction signal should be sent to driver 5us
before the first pulse in the reverse motion direction.
ENA+ (+5V)
ENA- (ENA)
Enable signal: this signal is used for enabling/disabling the driver. High level for
enabling the driver and low level for disabling the driver. Usually left
unconnected(enabled).
READY+
Output alarm signal positive: READY is a photocouper output from
open-collector circuit, effectively output when driver operate normally,
maximum permitted input voltage 30VDC; maximum output current 20mA,
generally can be serial connected to PLC input terminal.
READY-
Output alarm signal negative.
Remark 1: SW5 ON means CW/CCW (pulse/pulse), OFF means PUL/DIR mode.
Remark 2: Please note motion direction is also related to motor-driver wiring match. Exchanging the
connection of two wires for a coil to the driver will reverse motion direction. (for example, reconnecting
motor A+ to driver A- and motor A- to driver A+ will invert motion direction).
Power connector P2 pins
Pin
Funtion
Details
AC
AC
AC input, varies from 80V to 220V, recommended to use 180V. (Pls use a
transformer as a power, but not directly connect to condition AC
.)
Phase A Motor coil A (leads A+ and A-)
Phase B Motor coil B (leads B+ and B-)
PE
Connect ground terminal
5. Setting Driver Output Current and Microstep Resolution
5.1 Current Setting
SW6-9 of the DIP switch are used to set the current during motion (dynamic current)
Peak Current (A)
RMS (A)
SW6
SW7
SW8
SW9
0.45
0.32
OFF
OFF
OFF
OFF
0.63
0.45
OFF
OFF
OFF
ON
1.41
1.00
OFF
OFF
ON
OFF
1.88
1.34
OFF
OFF
ON
ON
2.33
1.66
OFF
ON
OFF
OFF
2.85
2.04
OFF
ON
OFF
ON
3.23
2.31
OFF
ON
ON
OFF
3.75
2.68
OFF
ON
ON
ON
4.26
3.04
ON
OFF
OFF
OFF
4.65
3.32
ON
OFF
OFF
ON
5.18
3.70
ON
OFF
ON
OFF



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com