Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2L110M Datasheet(PDF) 1 Page - MotionKing Motor Industry Co.,Ltd.

Part # 2L110M
Description  TWO-PHASE HYBRID STEPPER MOTOR DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTIONKING [MotionKing Motor Industry Co.,Ltd.]
Direct Link  http://www.motionking.com/
Logo MOTIONKING - MotionKing Motor Industry Co.,Ltd.

2L110M Datasheet(HTML) 1 Page - MotionKing Motor Industry Co.,Ltd.

  2L110M Datasheet HTML 1Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 2Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 3Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 4Page - MotionKing Motor Industry Co.,Ltd. 2L110M Datasheet HTML 5Page - MotionKing Motor Industry Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MotionKing (China) Motor Industry Co., Ltd.
1/5
MK054, Rev.01
TWO-PHASE
HYBRID STEPPER MOTOR DRIVER
Model: 2L110M
2L110M Summary
2L110M are high performance microstepping drivers incorporating the most advanced technology in
the world today. They are suitable for driving any 2-phase and 4-phase hybrid step motors(current
7.8A/3.9A). By using advanced bipolar constant-current chopping technique, they can produce more
motor torque at high speed than other drivers. The microstep capability allows stepping motors run at
higher smoothness, less vibration and lower
noise. The 3-state current control feature leads to lower motor heating.
Applications
Applicable for automated machinery and equipment, for instance, air-driven inscription machines,
labeling machines, cutting machines, laser engraving, plotter, medical instruments, and pick-place
devices.
Features
* High performance, low cost, extremely low noise;
* Both driver and motor low heating;
* Supply voltage up to 80-220VAC, current output up to 7.8A peak (RMS5.57A);
* TTL compatible and optically isolated input signals, pulse frequency up to 400 KHz;
* Automatic idle-current reduction;
* 16 selectable resolutions in decimal and binary;
* Suitable for 4,6,8 lead motors;
* DIP switch current setting with 8 different value;
* CW/CCW mode available (optional);
* Over-voltage, short-voltage, over-current, over-heating and short-circuit protection;
* Suited for NEMA34 and 43 motors.


Similar Part No. - 2L110M

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
2L130M MOTIONKING-2L130M Datasheet
321Kb / 9P
High Performance & Low Noise Microstepping Driver
More results

Similar Description - 2L110M

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9935 STMICROELECTRONICS-L9935 Datasheet
159Kb / 19P
TWO-PHASE STEPPER MOTOR DRIVER
10-Jan-2011
AN2839 STMICROELECTRONICS-AN2839 Datasheet
1Mb / 40P
L6228 fully-integrated two-phase stepper motor driver
22-Sep-2009
logo
MotionKing Motor Indust...
2L542 MOTIONKING-2L542 Datasheet
229Kb / 5P
TWO-PHASE HYBRID STEPPER MOTOR DRIVER
2LA860 MOTIONKING-2LA860 Datasheet
574Kb / 9P
TWO-PHASE HYBRID STEPPER MOTOR DRIVER
8H2A MOTIONKING-8H2A Datasheet
114Kb / 1P
2 Phase Hybrid Stepper Motor
14H2K MOTIONKING-14H2K Datasheet
78Kb / 1P
2 Phase Hybrid Stepper Motor
16H2A MOTIONKING-16H2A Datasheet
88Kb / 1P
2 Phase Hybrid Stepper Motor
24H2A MOTIONKING-24H2A Datasheet
87Kb / 1P
2 Phase Hybrid Stepper Motor
logo
List of Unclassifed Man...
HY-DIV268N-5A ETC1-HY-DIV268N-5A Datasheet
884Kb / 5P
two phase hybrid stepper motor drive manual
THB7128 ETC-THB7128 Datasheet
512Kb / 7P
High subdivision, high power Two-phase hybrid stepper motor driver chip
November 2009
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com