Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR8670 Datasheet(PDF) 11 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 11 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 7Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 8Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 9Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 10Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 11Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
11
22
LED_2
Open drain
LED driver
Alternative function PO[31]
23
PIO_0
Bi-directional with weak
pull_down
Programmable input/output line
24
PIO_1
Bi-directional with weak
pull_down
Programmable input/output line
25
PIO_2
Bi-directional with weak
pull_down
Programmable input/output line
26
GND
Ground
Digital Ground
27
USB_DP
Bi-directional
USB data plus with selectable internal
1.5kohm pull-up resistor
28
USB_DN
Bi-directional
USB data minus
29
VDD_USB
NC
Positive supply for USB ports
30
PIO_3
Bi-directional with weak
pull_down
Programmable input/output line
31
PIO_4
Bi-directional with weak
pull_down
Programmable input/output line
32
PIO_5
Bi-directional with weak
pull_down
Programmable input/output line
33
PIO_6
Bi-directional with weak
pull_down
Programmable input/output line
34
PIO_7
Bi-directional with weak
pull_down
Programmable input/output line
35
PIO_10
Bi-directional with weak
pull_down
Programmable input/output line
36
PIO_11
Bi-directional with weak
pull_down
Programmable input/output line
37
PIO_12
Bi-directional with weak
pull_down
Programmable input/output line
38
PIO_13
Bi-directional with weak
pull_down
Programmable input/output line
39
PIO_14
Bi-directional with weak
pull_down
Programmable input/output line
40
PIO_15
Bi-directional with weak
pull_down
Programmable input/output line
41
VDD_PADS
NC
1.7V to 3.6V positive supply input for digital
input/output ports PIO[15:4]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com