Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR8670 Datasheet(PDF) 23 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 23 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 21Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 22Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 23Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 24Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 25Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 26Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 27Page - BUDDIES TECHNOLOGY LIMITED.  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
23
5.2
Recommended Operating Conditions
Rating
Mi
Typ
Max
Uni
Operating temperature range
-40
20
85
°C
Supply Voltage
VCHG
4.75 / 3.10
5.00
5.75
V
SMPS_3V3
3.10
3.30
3.60
V
3.3V
VDD_USB
3.10
3.30
3.60
V
LED[2:0]
1.10
3.70
4.25
V
SMP_VBAT
2.50
3.70
4.25
VBAT_SENSE
0
3.70
4.25
V
Battery
VDD_AUDIO_DRV
1.70
1.80
1.95
V
VDD_AUX_1V8
1.70
1.80
1.95
V
VDD_PADS_1
1.70
1.80
3.60
V
VDD_PADS_2
1.70
1.80
3.60
V
VDD_PADS_3
1.70
1.80
3.60
1.8V
SMPS_1V8_SENSE
1.70
1.80
1.95.
V
SMPS_1V35_SENSE
1.30
1.35
1.40
V
VDD_AUDIO
1.30
1.35
1.40
V
1.35V
VREGIN_DIG
1.30
1.35 or 1.80
1.95
V
Table 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com