Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CSR8670 Datasheet(PDF) 16 Page - BUDDIES TECHNOLOGY LIMITED.

Part # CSR8670
Description  Bluetooth Module
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BUDDIES [BUDDIES TECHNOLOGY LIMITED.]
Direct Link  http://www.buddies-tech.com/
Logo BUDDIES - BUDDIES TECHNOLOGY LIMITED.

CSR8670 Datasheet(HTML) 16 Page - BUDDIES TECHNOLOGY LIMITED.

Back Button CSR8670 Datasheet HTML 12Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 13Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 14Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 15Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 16Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 17Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 18Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 19Page - BUDDIES TECHNOLOGY LIMITED. CSR8670 Datasheet HTML 20Page - BUDDIES TECHNOLOGY LIMITED. Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
http://www.buddies-tech.com
BTM8670 DATASHEET
16
4.2.2
A D C
Figure 3 shows the CSR8670 consists of 2 high-quality ADCs:
Each ADC has a second-order Sigma-Delta converter
Each ADC is a separate channel with identical functionality
There are 2 gain stages for each channel,1 of which is an analogue gain stage and
the other is a digital gain stages
4.2.3
ADC Sample Rate Selection
Each ADC supports the following pre-defined sample rates, although other rates are
progrmmable,e.g.40kHz:
8kHz
11.025 kHz
16kHz
22.050kHz
24kHz
32 kHz
44.1kHz
48 kHz
4.2.4
ADC Digital Gain
A digital gain stage inside the ADC varies from -24dB to 21.5dB,see as below, there is
also a fine gain interface with 9-bit gain setting allowing gain changes in 1/32 steps.
The Firmware controls the audio input gain.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com