Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AXP209 Datasheet(PDF) 32 Page - Shenzhen X-Powers Technology Co ., Ltd

Part # AXP209
Description  Enhanced single Cell Li-Battery and Power System Management IC
PDF  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  XPOWER [Shenzhen X-Powers Technology Co ., Ltd]
Direct Link  http://www.x-powers.com/en.php/Index/index
Logo XPOWER - Shenzhen X-Powers Technology Co ., Ltd

AXP209 Datasheet(HTML) 32 Page - Shenzhen X-Powers Technology Co ., Ltd

Back Button AXP209 Datasheet HTML 28Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 29Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 30Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 31Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 32Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 33Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 34Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 35Page - Shenzhen X-Powers Technology Co ., Ltd AXP209 Datasheet HTML 36Page - Shenzhen X-Powers Technology Co ., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 45 page
background image
VQ.QW WPPIQPWE CC
Confidential
Page 32/45
Enhanced single Cell Li-Battery and Power System Management IC
AXP209
10.4 REG 04-0FH:数据缓存
注
:只要外部电源、电池或备用电池某一路电源存在,此数据就会一直保存,不受开关机影响。
10.5 REG 12H:电源输出控制
默认值
:XXH
Bit
描述
R/W
默认值
7
保留,不可更改
RW
X
6
LDO3 开关控制
0:关闭; 1:打开
RW
X
5
保留,不可更改
RW
X
4
DC-DC2 开关控制
RW
X
3
LDO4 开关控制
RW
X
2
LDO2 开关控制
RW
X
1
DC-DC3 开关控制
RW
X
0
EXTEN 开关控制
0:关闭; 1:打开
RW
X
10.6 REG 23H:DC-DC2 输出电压设置
默认值
:XXH
Bit
描述
R/W
默认值
7-6
保留,不可更改
5-0
DC-DC2 输出电压设置
0.7-2.275V,25mV/step
Vout=[0.7+(Bit5-0)*0.025]V
RW
X
10.7 REG 25H:DC-DC2/LDO3 动态电压调节参数设置
默认值
:00H
Bit
描述
R/W
默认值
7-4
保留,不可更改
3
LDO3 VRC 使能控制
0:打开; 1:关闭
RW
0
2
DC-DC2 VRC 使能控制
0:打开; 1:关闭
RW
0
1
LDO3 VRC 电压上升斜率控制
0: 25mV/15.625us=1.6mV/us
1: 25mV/31.250us=0.8mV/us
RW
0
0
DC-DC2 VRC 电压上升斜率控制
0: 25mV/15.625us=1.6mV/us
1: 25mV/31.250us=0.8mV/us
RW
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com