Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM200WD3 Datasheet(PDF) 7 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 7 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 3Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
7 / 32
Table 3. LED array ELECTRICAL CHARACTERISTICS
LED driver design guide
: The design of the LED driver must have specifications for the LED in LCD Assembly.
The performance of the LED in LCM, for example life time or brightness, is extremely
influenced by the characteristics of the LED driver.
So all the parameters of an LED driver should be carefully designed and output current
should be Constant current control.
Please control feedback current of each string individually to compensate the current
variation among the strings of LEDs.
When you design or order the LED driver, please make sure unwanted lighting caused by
the mismatch of the LED and the LED driver (no lighting, flicker, etc) never occurs.
When you confirm it, the LCD module should be operated in the same condition as
installed in your instrument.
Notes :
1. The specified values are for a single LED bar.
2. The specified current is defined as the input current for a single LED string with 100% duty cycle.
3. The LED life time is defined as the time when brightness of LED packages become 50% or less
than the initial value under the conditions at Ta = 25  2°C and LED string current is typical value.
4. The power consumption shown above does not include loss of external driver.
The typical power consumption is calculated as PBar = Vs(Typ.) x Is(Typ.) x No. of strings.
The maximum power consumption is calculated as PBar = Vs(Max.) x Is(Typ.) x No. of strings.
5. LED operating conditions must not exceed Max. ratings.
Parameter
Symbol
Condition
Values
Unit
Note
s
Min.
Typ.
Max.
LED String Current
Is
-
120
125
mA
1,2,5
LED String Voltage
Vs
38.4
41.0
43.6
V
1,5
Power
Consumption
PBar
-
9.8
10.5
Watt
1,2,4
LED Life Time
LED_LT
30,000
-
-
Hrs
3
Notes) The LED Bar consists of 26 LED packages, 2 strings (parallel) x 13 packages (serial)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com