Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM200WD3 Datasheet(PDF) 8 Page - LG Semicon Co.,Ltd.

Part # LM200WD3
Description  20.0 HD TFT LCD
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LG [LG Semicon Co.,Ltd.]
Direct Link  
Logo LG - LG Semicon Co.,Ltd.

LM200WD3 Datasheet(HTML) 8 Page - LG Semicon Co.,Ltd.

Back Button LM200WD3 Datasheet HTML 4Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 5Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 6Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 7Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 8Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 9Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 10Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 11Page - LG Semicon Co.,Ltd. LM200WD3 Datasheet HTML 12Page - LG Semicon Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Product Specification
LM200WD3
Liquid Crystal Display
Ver. 0.1
Apr., 20, 2012
8 / 32
3-2. Interface connections
Table 4. Module connector(CN1) pin configuration
LCD connector(CN1) : GT103-30S-HF15-E2500 (LSM) , UJU(IS100-L30O-C23)
Mating connector : FI-X30H and FI-X30HL (JAE) or Equivalent
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
Pin No
Symbol
Description
RXO0-
RXO0+
RXO1-
RXO1+
RXO2-
RXO2+
GND
RXOC-
RXOC+
RXO3-
RXO3+
RXE0-
RXE0+
GND
RXE1-
RXE1+
GND
RXE2-
RXE2+
RXEC-
RXEC+
RXE3-
RXE3+
GND
NC
NC
PWM_OUT
VLCD
VLCD
VLCD
Minus signal of 1st channel 0 (LVDS)
Plus signal of 1st channel 0 (LVDS)
Minus signal of 1st channel 1 (LVDS)
Plus signal of 1st channel 1 (LVDS)
Minus signal of 1st channel 2 (LVDS)
Plus signal of 1st channel 2 (LVDS)
Ground(AGP)
Minus signal of 1st clock channel (LVDS)
Plus signal of 1st clock channel (LVDS)
Minus signal of 1st channel 3 (LVDS)
Plus signal of 1st channel 3 (LVDS)
Minus signal of 2nd channel 0 (LVDS)
Plus signal of 2nd channel 0 (LVDS)
Ground
Minus signal of 2nd channel 1 (LVDS)
Plus signal of 2nd channel 1 (LVDS)
Ground
Minus signal of 2nd channel 2 (LVDS)
Plus signal of 2nd channel 2 (LVDS)
Minus signal of 2nd clock channel (LVDS)
Plus signal of 2nd clock channel (LVDS)
Minus signal of 2nd channel 3 (LVDS)
Plus signal of 2nd channel 3 (LVDS)
Ground
No Connection (For LCD internal use only.)
No Connection (For LCD internal use only.)
Reference signal for inverter control
Power Supply (5.0V)
Power Supply (5.0V)
Power Supply (5.0V)
3-2-1. LCD Module



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com