Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7576GS Datasheet(PDF) 16 Page - Leadtrend Technology

Part # LD7576GS
Description  Green-Mode PWM Controller
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7576GS Datasheet(HTML) 16 Page - Leadtrend Technology

Back Button LD7576GS Datasheet HTML 12Page - Leadtrend Technology LD7576GS Datasheet HTML 13Page - Leadtrend Technology LD7576GS Datasheet HTML 14Page - Leadtrend Technology LD7576GS Datasheet HTML 15Page - Leadtrend Technology LD7576GS Datasheet HTML 16Page - Leadtrend Technology LD7576GS Datasheet HTML 17Page - Leadtrend Technology LD7576GS Datasheet HTML 18Page - Leadtrend Technology LD7576GS Datasheet HTML 19Page - Leadtrend Technology LD7576GS Datasheet HTML 20Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LD7576/76H/76J/76K
16
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7576-DS-04a
December 2009
Latch-Mode Protection
The latch-mode protection in LD7576 series will be
enabled by pulling the CT pin voltage below 0.8V.
Figure
26 shows the operation.
When the latch-mode is
triggered, LD7576 series will shut down the gate output
and then latch off the power supply.
Unless the
controllers re-plug and re-start to drop VCC below 8V, the
gate output mode will remain latched. The detailed
operation is depicted in figure 26.
Fig. 26



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com