Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-LD2 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-LD2
Description  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2 Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-LD2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 5Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 6Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 7Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 8Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 1/20
– Small and low cost digital 24 GHz radar motion detector
– Detection distance up to 15m (human) 30m (cars)
– High immunity against interferences
– Integrated FFT signal processing with digital outputs
– Sensitivity and hold time can be set using analogue inputs
– Advanced detection data read-out over serial interface
– Wide power supply range from 3.2 to 5.5V
– 2 × 4 patch antenna with 80°/ 34° beam aperture
– General movement detection applications
– Door opener
– Illumination of advertising boards
– Touch free switches
– Security systems
– Indoor and outdoor lighting control applications
– Object speed measurement systems
– Industrial sensors
The K-LD2 is a fully digital and low cost radar movement detector.
The digital structure makes it very easy to use in any stand-alone
or MCU based application where a movement detection or speed
measurement is required.
The sensor includes a 2 × 4 patch radar front-end with an asymme-
trical beam and a powerful signal processing unit with two digital
outputs for signal detection information. The sensitivity and the hold
time are adjustable using analogue inputs with potentiometers. The
serial interface features a powerful command set to read-out advan-
ced detection data or to fully customize the detection algorithm.
There is no need to write own signal processing algorithms or
handle small and noisy signals. This module contains everything
that is necessary to build a simple, yet reliable movement detector.
A very small footprint of 25 × 25 × 6.5 mm gives maximum flexibility
in the product development process.
A powerful evaluation kit (K-LD2-EVAL) with signal visualization
on a PC is available.
Features
Applications
Description
data sheet
K-LD2
radar transceiver
Figure 1: K-LD2 block diagram
Tx
Rx
signal processing unit
voltage regulator
detect
miscellaneous
serial interface
sensitivity
hold time
24.125 GHz
K-LD2
Block Diagram


Similar Part No. - K-LD2

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
radar transceiver
K-LD2-EVAL-RFB-01H RFBEAM-K-LD2-EVAL-RFB-01H Datasheet
1Mb / 13P
radar transceiver
More results

Similar Description - K-LD2

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
radar transceiver
K-MC3 RFBEAM-K-MC3 Datasheet
1Mb / 8P
RADAR TRANSCEIVER
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
radar transceiver
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com