Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-LD2 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-LD2
Description  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-LD2 Datasheet HTML 1Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 2Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 3Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 4Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 5Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 6Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 7Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 8Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 9Page - RFbeam Microwave GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 2/20
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max Unit
Operating Conditions
Supply voltage
Vcc
3.2
5.5
V
Supply current
Icc
55
mA
Operating temperature
Top
-20
+85
° C
Storage temperature
Tst
-20
+105
° C
Transmitter
Transmitter frequency
Tamb = -20 °C .. +85 °C
fTX
24.050
24.250
GHz
Frequency drift vs temperature
Vcc = 3.3 V
∆ fTX
0.02
MHz/° C
Output power
EIRP
PTX
+15
dBm
Spurious emission
According to ETSI 300 440
PSpur
-30
dBm
Receiver
LNA gain
GLNA
20
dB
Mixer Conversion loss
fIF = 1 kHz
Dmixer
6
dB
Antenna gain
fTX = 24.125 GHz
GAnt
8.6
dBi
Receiver sensitivity
fIF = 500 Hz, B = 1 kHz, S/N = 6dB
PRX
-112
dBm
Overall sensitivity
fIF = 500 Hz, B = 1 kHz, S/N = 6dB
Dsystem
-127
dBc
Max. Detection distance
σ = 1 m² (Person )
R
20
m
Signal Processing
Modulation
none
Velocity processing
256 point FFT
Sample rate
fsample
1.28
12.8
kHz
Speed range
Depending on sampling frequency
rspeed
0
143
km/h
Response time
Depending on sampling frequency
and FFT average feature
tdetect
20
400
ms
Antenna
Horizontal –3dB beamwidth
E-Plane
Wφ
80
°
Vertical –3dB beamwidth
H-Plane
Wθ
34
°
Horiz. Sidelobe suppression
Dφ
-12
-20
dB
Vertical sidelobe suppression
Dθ
-12
-20
dB
Interface
Digital Output high level voltage
VOH
2.1
2.6
V
Digital Output low level voltage
VOL
0.3
0.64
V
Digital Input high level voltage
VIH
2.0
3.3
V
Digital Input low level voltage
VIL
-0.3
0.8
V
Digital I/O source/sink current
IOH, IOL
-20
20
mA
Analogue Input level
VAin
0
3
V
Analogue Input impedance
Zin
200
kΩ
Body
Outline Dimensions
25 × 25 × 6.5
mm³
Weight
6.5
g
Connector
8 pin 2.54 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com