Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-LD2 Datasheet(PDF) 16 Page - RFbeam Microwave GmbH

Part # K-LD2
Description  radar transceiver
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-LD2 Datasheet(HTML) 16 Page - RFbeam Microwave GmbH

Back Button K-LD2 Datasheet HTML 12Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 13Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 14Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 15Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 16Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 17Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 18Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 19Page - RFbeam Microwave GmbH K-LD2 Datasheet HTML 20Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
©
RFbeam Microwave GmbH | Schuppisstrasse 7 | CH-9016 St. Gallen | www.rfbeam.ch | K-LD2 | data sheet
09/2018 - Revision B | Page 16/20
Param. Default Min
Max
Name
Description
D00
01
00
09
Hold time
Index value to select an element of the hold time array defined with the parameters
A00…A09.
This value has no effect if the parameter use hold time potentiometer S0C
is enabled.
D01
07
00
09
Sensitivity
Index value to select an element of the sensitivity array defined with the parameters
A10…A19.
This value has no effect if the parameter use sensitivity potentiometer S0D
is enabled.
D02
03
00
10
Immunity
Value to change the immunity against interferences like vibrations.
00: minimum immunity
10: maximum immunity
Immunity increases the reaction time of the sensor.
D03
02
00
02
Direction to detect
Defines which direction is detected in the detection algorithm.
00: only forward (approaching)
01: only backward (receding)
02: both directions
D04
00
00
7F
Low speed limit
Can be used to define a low speed limit in bin for the detection algorithm to filter out
slow speeds.
00: inactive
01…7F: All speeds below this bin are filtered out
D05
00
00
7F
High speed limit
Can be used to define a high speed limit in bin for the detection algorithm to filter out
fast speeds.
00: inactive
01…7F: All speeds above this bin are filtered out
D06
00
00
7F
Speed range
threshold
Function to divide the spectrum in a high and a low speed range. Triggers the range
flag in the detection register R00.
00: inactive
01…7F: threshold in bin for the low and high speed range
D07
06
05
09
Micro detection
threshold
Function to set the threshold of the micro detection feature.
05: minimum threshold
09: maximum threshold
D08
02
00
0A
FFT filter width
Defines the ± width in bin that is filtered out around a specified filter in the FFT filter
array defined with the parameters A20…A27.
Param. Default Min
Max
Name
Description
A00…
A09
See table
below
0000
FFFF
Hold time array
10 elements wide hold time array in 100 ms, addressed by parameter D00.
0000: minimum hold time
0002: 2*100 ms " 0.2 s hold time
FFFF: maximum hold time
A10…
A19
See table
below
0000
00FF
Sensitivity array
10 elements wide sensitivity array in dB, addressed by parameter D01.
0000: maximum sensitivity
000A: 10 dB sensitivity
00FF: minimum sensitivity
A20…
A27
0
0000
007F
FFT filter array
FFT filter array in bin to define up to 8 different FFT filters with a ± width defined by
parameter D08.
0000: FFT filter inactive
0001…007F: FFT filter position in bin
Param.
A00
A01
A02
A03
A04
A05
A06
A07
A08
A08
Value [Hex]
0002
0005
000A
0014
0032
0064
00C8
0190
0320
0640
Value [s]
0.2
0.5
1
2
5
10
20
40
80
160
Param.
A10
A11
A12
A13
A14
A15
A16
A17
A18
A19
Value [Hex]
0022
001C
0016
0012
000E
000A
0006
0004
0002
0000
Value [dB]
34
28
22
18
14
10
6
4
2
0
Table 9: Class D 8-Bit detection parameters
Table 10: Class A 16-Bit array parameters
Table 11: Hold time array default values
Table 12: Sensitivity array default values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com