Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MC3 Datasheet(PDF) 1 Page - RFbeam Microwave GmbH

Part # K-MC3
Description  RADAR TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC3 Datasheet(HTML) 1 Page - RFbeam Microwave GmbH

  K-MC3 Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 8Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
K-MC3 RADAR TRANSCEIVER
Datasheet
Features
24 GHz short range transceiver
Beam aperture 25°/7°
Electrically compatible to RFbeam K-MC2
180MHz sweep FM input
High sensitivity, integrated RF/IF amplifier
Dual 54 patch narrow beam antenna
Buffered I/Q IF outputs
Additional DC IF outputs
RSW Rapid Sleep Wakeup
Extremely compact:105x85x5 mm3 construction
Applications
Traffic supervision and counting
Object speed measurement systems
Ranging and distance detection
Industrial sensors
Description
K-MC3 is a 108 patch doppler module with an
asymmetrical narrow beam for long distance
sensors. It is ideally suited for traffic supervi-
sion.
This module includes a RF low noise amplifier
and two IF preamplifiers for both I and Q
channels. The need for external analogue
electronics will be significantly reduced by this
feature.
For
special
signal
condition
applications, an additional buffered Mixer DC
output is provided. This greatly improves
flexibility in FSK ranging applications.
The unique "RSW" Rapid Sleep Wakeup func-
tion with <4us wakeup time makes this module
ideal for battery operated equipment. Typical
duty cycle in RWS mode may be < 5% with full
movement detection capability by sampling the
IF signals.
An extremely slim construction with only 6mm
depth gives you maximum flexibility in your
equipment design.
Powerful starterkits with signal conditioning
and visualization are also available. (see
www.rfbeam.ch Download Section)
Blockdiagram
Fig. 1: K-MC3 Blockdiagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 1/8
Tx
Rx
24.125 GHz VCO
S&H
S&H
Rapid Sleep Wakeup
I_AC
I_DC
Q_AC
Q_DC
Q_DC
/Enable
FM input
LNA
47dB
15dB
15dB
47dB


Similar Part No. - K-MC3

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-MC1 RFBEAM-K-MC1 Datasheet
2Mb / 8P
RADAR TRANSCEIVER
K-MC1 RFBEAM-K-MC1 Datasheet
653Kb / 2P
Radar Evaluation Kit
K-MC1_LP RFBEAM-K-MC1_LP Datasheet
1Mb / 5P
RADAR TRANSCEIVER
K-MC4 RFBEAM-K-MC4 Datasheet
2Mb / 11P
MONOPULSE RADAR TRANSCEIVER
More results

Similar Description - K-MC3

ManufacturerPart #DatasheetDescription
logo
RFbeam Microwave GmbH
K-HC1 RFBEAM-K-HC1 Datasheet
997Kb / 8P
RADAR TRANSCEIVER
K-LC1A RFBEAM-K-LC1A Datasheet
444Kb / 6P
RADAR TRANSCEIVER
K-LC5_V3 RFBEAM-K-LC5_V3 Datasheet
307Kb / 5P
RADAR TRANSCEIVER
K-LC6 RFBEAM-K-LC6 Datasheet
335Kb / 6P
RADAR TRANSCEIVER
K-LD2 RFBEAM-K-LD2 Datasheet
1Mb / 20P
radar transceiver
K-LD2-EVAL RFBEAM-K-LD2-EVAL Datasheet
1Mb / 13P
radar transceiver
K-LC4 RFBEAM-K-LC4 Datasheet
385Kb / 4P
radar transceiver
K-LC3_V2 RFBEAM-K-LC3_V2 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC3 RFBEAM-K-LC3 Datasheet
440Kb / 4P
RADAR TRANSCEIVER
K-LC2 RFBEAM-K-LC2 Datasheet
592Kb / 5P
RADAR TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com