Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MC3 Datasheet(PDF) 2 Page - RFbeam Microwave GmbH

Part # K-MC3
Description  RADAR TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC3 Datasheet(HTML) 2 Page - RFbeam Microwave GmbH

  K-MC3 Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 8Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
K-MC3 RADAR TRANSCEIVER
Datasheet
Characteristics
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Operating conditions
Supply voltage
Vcc
4.75
5.0
5.25
V
Supply current
Module enabled (Pin 1 = VIL)
Icc
70
100
mA
Module RSW mode (Pin 1 = VIH)
7
10
mA
VCO input voltage
Uvco
1
10
V
VCO pin resistance
Internal pullup 10k
Rvco
10k
Operating temperature
Top
-20
+80
°C
Storage temperature
Tst
-20
+80
°C
Power down/Enable
Module power down
Input tied high with pullup 10k
VIH
Vcc -0.7
Vcc+ 0.3
V
Module enable
VIL
-0.2
2
V
Minimum enable time
Sample&Hold capacitor charged
ton
4
s
Maximum hold time
S&H error <10%
toff
2
ms
Hold Step
Charge injection visible at DC output
Vstep
6
mV
Transmitter
Transmitter frequency
UVCO= 5V, Tamb=-20°C .. +60°C
fTX
24.050
24.150
24.250
GHz
Frequency drift vs temp.
Vcc=5.0V, -20°C .. +60°C Note 1
 fTX
-1.0
MHz/°C
Frequency tuning range
 fvco
180
MHz
VCO sensitivity
Svco
18
MHz/V
VCO Modulation Bandwidth
f=20MHz
BVCO
3
MHz
Output power
EIRP
PTX
+16
+19
+20
dBm
Output power deviation
Full VCO tuning range
 PTX
+/- 1
dBm
Spurious emission
According to ETSI 300 440
Pspur
-30
dBm
Receiver
Antenna gain
FTX=24.125GHz Note 2
GAnt
21
dBi
LNA gain
FRX=24.125GHz
GLNA
16
dB
Mixer Conversion loss
fIF =500Hz
Dmixer
-6
dB
Receiver sensitivity
fIF =500Hz, B=1kHz, S/N=6dB
PRX
-126
dBm
Overall sensitivity
fIF =500Hz, B=1kHz, S/N=6dB
Dsystem
-145
dBc
IF output
IF output impedance
_AC outputs
RIF_AC
100
_DC outputs
RIF_DC
100
IF Amplifier gain
_AC outputs
GIF_AC
47
dB
_DC outputs
GIF_DC
15
dB
I/Q amplitude balance
fIF =500Hz, UIF=100mVpp (_AC outputs)
UIF
3
dB
I/Q phase shift
fIF =500Hz, UIF=100mVpp (_AC outputs)
80
90
100
°
IF frequency range
-3dB Bandwidth (_AC outputs)
fIF_AC
40
15k
Hz
-3dB Bandwidth (_DC outputs)
fIF_DC
0
500
kHz
IF noise voltage
fIF =500Hz
UIFnoise
22
V/Hz
fIF =500Hz
UIFnoise
-93
dBV/Hz
IF output offset voltage
Vcc = 5V, _AC outputs
Uos_AC
2.0
2.5
3.0
V
no object in range,VCO pin open,_DC outputs
Uos_DC
0.5
2.5
4.5
V
Supply rejection
Rejection supply pins to _AC outputs, 500Hz
Dsupply
-24
dB
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 2/8



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com