Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

K-MC3 Datasheet(PDF) 3 Page - RFbeam Microwave GmbH

Part # K-MC3
Description  RADAR TRANSCEIVER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFBEAM [RFbeam Microwave GmbH]
Direct Link  https://www.rfbeam.ch/
Logo RFBEAM - RFbeam Microwave GmbH

K-MC3 Datasheet(HTML) 3 Page - RFbeam Microwave GmbH

  K-MC3 Datasheet HTML 1Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 2Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 3Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 4Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 5Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 6Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 7Page - RFbeam Microwave GmbH K-MC3 Datasheet HTML 8Page - RFbeam Microwave GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
K-MC3 RADAR TRANSCEIVER
Datasheet
Parameter
Conditions / Notes
Symbol
Min
Typ
Max
Unit
Antenna
Horizontal -3dB beamwidth
E-Plane
W
7
°
Vertical -3dB beamwidth
H-Plane
W
25
°
Horiz. sidelobe suppression
D
-20
dB
Vert. sidelobe suppression
D
-18
dB
Body
Outline Dimensions
connector left unconnected
105x85x5
mm3
Weight
102
g
Connector
Module side: AMP X-338069-8
8
pins
Note 1
Transmit frequency stays within 24.050 to 24.250GHz over the specified temperature range if VCO pin is left open
Note 2
Theoretical value, given by design
Antenna System Diagram
This diagram shows module sensitivity (output voltage) in both azimuth and elevation directions. It
incorporates the transmitter and receiver antenna characteristics.
Azimuth 7° , Elevation 25°
At IF output voltage -6dB
(corresponds to -3dB Tx power)
Fig. 2: Anntenna system diagram
© RFbeam Microwave GmbH, Schuppisstrasse 7, CH-9016 St. Gallen
Page 3/8
-70
-60
-50
-40
-30
-20
-10
0
0
10
20
30
40
50
60
70
80
90
100
110
120
130
140
150
160
170
180
190
200
210
220
230
240
250
260
270
280
290
300
310
320
330
340
350



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com