Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8820P Datasheet(PDF) 3 Page - Fortune Semiconductor Corp.

Part # FS8820P
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8820P Datasheet(HTML) 3 Page - Fortune Semiconductor Corp.

  FS8820P Datasheet HTML 1Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 2Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 9Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
FS8820P
1. General Description
The FS8820P battery protection IC is designed to
protect lithium-ion/polymer battery from damage or
degrading the lifetime due to overcharge,
overdischarge, and/or overcurrent for one-cell
lithium-ion/polymer battery powered systems, such
as cellular phones.
The ultra-small package and less required external
components make it ideal to integrate the FS8820P
into the limited space of battery pack. The accurate
±50mV overcharging detection voltage ensures safe
and full utilization charging. The very low standby
current drains little current from the cell while in
storage.
2. Features
With built-in N-MOSFET of low turn-on
resistance.
Reduction in Board Size due to Miniature
Package TSSOP-8 .
Protection IC:
Ultra-Low Quiescent Current at 3μA
(Vcc=3.9V).
Ultra-Low Overdischarge Current
at 3μA (Vcc=2.0V).
Overcharge Protection Voltage
4.28V ± 25mV
Overdischarge Protection Voltage
2.4V ± 100mV
Overcurrent Protection Voltage
150mV ± 15mV
Auto Recovery function
MOSFET:
Rss(ON) < 49mΩ
(VGS = 3.7V , ID = 1A)
3. Ordering Information
FS8820P-T
(TSSOP-8 Green-Package)
TEMPERATURE RANGE
-40°C~+85°C
4. Applications
Protection IC for One-Cell Lithium-Ion /
Lithium-Polymer Battery Pack
Rev. 1.8
3/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com