Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8820P Datasheet(PDF) 7 Page - Fortune Semiconductor Corp.

Part # FS8820P
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8820P Datasheet(HTML) 7 Page - Fortune Semiconductor Corp.

Back Button FS8820P Datasheet HTML 3Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 11Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
FS8820P
Rev. 1.8
7/13
10. Electrical Characteristics
(Ta=25°C unless otherwise specified)
PARAMETER
TEST CONDITIONS SYMBOL
Min
Typ
Max
UNIT
Supply Current
VCC=3.9V
ICC
2.5
5.2
μ
A
Overdischarge Current
VCC=2.0V
IOD
1.8
4.5
μ
A
Overcharge Protection Voltage
FS8820P
VOCP
4.255
4.280
4.305
V
Overcharge Release Voltage
VOCR
4.030
4.080
4.130
V
Overdischarge Protection Voltage
VODP
2.300
2.400
2.500
V
Overdischarge Release Voltage
VODR
2.400
2.500
2.600
V
Overcurrent Protection Voltage
VOIP
(
VOI1)
0.135
0.150
0.165
V
Short Current Protection Voltage
VCC=3.6V
VSIP
(
VOI2)
0.60
0.70
0.80
V
Charger over current detection
voltage
VDD=3.6V
VCOIP
-0.120
-0.100
-0.080
V
Faulty charger detect voltage
Vdet
6.0
8.0
10.0
V
Faulty charger recovery voltage
Vrec
5.8
7.3
8.8
V
0V charging prohibit
VST
0.65
0.95
1.25
V
Overcharge Delay Time
TOC
130
200
280
ms
Overdischarge Delay Time
VCC=3.6V to 2.0V
TOD
65
100
140
ms
Overcurrent Delay Time (1)
VCC=3.6V
TOI1
13.3
20.0
26.5
ms
Overcurrent Delay Time (2)
VCC=3.6V
TOI2
0.60
1.0
1.80
ms
Charge over current delay time
VCC=3.6V
Tdet
5.10
8.50
12.75
ms
N-MOSFET have low turn-on resistance
Drain-Source Breakdown Voltage
(BATT- to D12 / D12 to GND)
VGS=0V,ID=250μA
BVDSS
20
V
Breakdown Voltage Temperature
Coefficient
Reference to 25℃,
ID=1mA
Δ
BVDSS/Δ
Tj
0.1
V/℃
Static Source-Source
On-Resistance (BATT- to GND)
VGS=3.7V,ID=1A
RSS(ON)
41
49
mΩ
Static Source-Source
On-Resistance (BATT- to GND)
VGS=2.7V,ID=1A
51
70
mΩ
Drain-Source Leakage Current)
(BATT- to D12 / D12 to GND)
VDS=16V,VGS=0V
IDSS
(Tj=25℃)
1
uA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com