Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FS8820P Datasheet(PDF) 8 Page - Fortune Semiconductor Corp.

Part # FS8820P
Description  One Cell Lithium-ion/Polymer Battery Protection IC With Built-in MOSFET
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FORTUNE [Fortune Semiconductor Corp.]
Direct Link  https://www.ic-fortune.com/eng/index.asp
Logo FORTUNE - Fortune Semiconductor Corp.

FS8820P Datasheet(HTML) 8 Page - Fortune Semiconductor Corp.

Back Button FS8820P Datasheet HTML 4Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 5Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 6Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 7Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 8Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 9Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 10Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 11Page - Fortune Semiconductor Corp. FS8820P Datasheet HTML 12Page - Fortune Semiconductor Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
FS8820P
11. Description of Operation
Normal Condition
If VODP<VCC<VOCP and VCH<VCS<VOI1, M1
and M2 are both turned on. The charging and
discharging processes can be operated normally.
Overcharge Protection
When the voltage of the battery cell exceeds the
overcharge protection voltage (VOCP) beyond the
overcharge delay time (TOC) period, charging is
inhibited by turning off of the charge control
MOSFET. The overcharge condition is released in
two cases:
The voltage of the battery cell becomes lower than
the overcharge release voltage (VOCR) through
self-discharge.
The voltage of the battery cell falls below the
overcharge protection voltage (VOCP) and a load is
connected.
When the battery voltage is above VOCP, the
overcharge condition will not release even a load is
connected to the pack.
Overdischarge Protection
When the voltage of the battery cell goes below the
overdischarge protection voltage (VODP) beyond
the overdischarge delay time (TOD) period,
discharging is inhibited by turning off the discharge
control MOSFET.
The default of overdischarge delay time is 10ms.
Inhibition of discharging is immediately released
when the voltage of the battery cell becomes higher
than overdischarge release voltage (VODR) through
charging.
Overcurrent Protection
In normal mode, the FS8820P continuously monitors
the discharge current by sensing the voltage of CS
pin. If the voltage of CS pin exceeds the overcurrent
protection voltage (VOIP) beyond the overcurrent
delay time (TOI1) period, the overcurrent protection
circuit operates and discharging is inhibited by
turning off the discharge control MOSFET. The
overcurrent condition returns to the normal mode
when the load is released or the impedance between
BATT+ and BATT- is larger than 500kΩ. The
FS8820P provides two overcurrent detection levels
(0.15V and 1.35V) with two overcurrent delay time
(TOI1 and TOI2) corresponding to each overcurrent
detection level.
Charge Detection after Overdischarge
When overdischarge occurs, the discharge control
MOSFET turns off and discharging is inhibited.
However, charging is still permitted through the
parasitic diode of MOSFET. Once the charger is
connected to the battery pack, the FS8820P
immediately turns on all the timing generation and
detection circuitry. Charging progress is sensed if
the voltage between CS and GND is below charge
detection threshold voltage (VCH).
Auto Power Down recovery
The IC continues to operate even after the
overdischarge state has been entered. The
battery voltage rising to the overdischarge
release voltage(VODR) or higher is the only
required condition for the IC to return to the
normal state.
Rev. 1.8
8/13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com