Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7575GS Datasheet(PDF) 2 Page - Leadtrend Technology

Part # LD7575GS
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7575GS Datasheet(HTML) 2 Page - Leadtrend Technology

  LD7575GS Datasheet HTML 1Page - Leadtrend Technology LD7575GS Datasheet HTML 2Page - Leadtrend Technology LD7575GS Datasheet HTML 3Page - Leadtrend Technology LD7575GS Datasheet HTML 4Page - Leadtrend Technology LD7575GS Datasheet HTML 5Page - Leadtrend Technology LD7575GS Datasheet HTML 6Page - Leadtrend Technology LD7575GS Datasheet HTML 7Page - Leadtrend Technology LD7575GS Datasheet HTML 8Page - Leadtrend Technology LD7575GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
LD7575
2
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7575-DS-04b November 2009
Pin Configuration
YY:
Year code
WW:
Week code
PP:
Production code
SOP-8 & DIP-8 (TOP VIEW)
1
8
2
3
4
7
6
5
TOP MARK
YYWWPP
Ordering Information
Part number
Package
Top Mark
Shipping
LD7575 GS
SOP-8
Green Package
LD7575GS
2500 /tape & reel
LD7575 PS
SOP-8
PB Free
LD7575PS
2500 /tape & reel
LD7575 PN
DIP-8
PB Free
LD7575PN
3600 /tube /Carton
The LD7575 is ROHS compliant/ Green Package.
Pin Descriptions
PIN
NAME
FUNCTION
1
RT
This pin is to program the switching frequency. By connecting a resistor to ground
to set the switching frequency.
2
COMP
Voltage feedback pin (same as the COMP pin in UC384X), By connecting a
photo-coupler to close the control loop and achieve the regulation.
3
CS
Current sense pin, connect to sense the MOSFET current
4
GND
Ground
5
OUT
Gate drive output to drive the external MOSFET
6
VCC
Supply voltage pin
7
NC
Unconnected Pin
8
HV
Connect this pin to positive terminal of bulk capacitor to provide the startup current
for the controller. When Vcc voltage trips the UVLO(on), this HV loop will be off to
save the power loss on the startup circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com