Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7575GS Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD7575GS
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7575GS Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD7575GS Datasheet HTML 2Page - Leadtrend Technology LD7575GS Datasheet HTML 3Page - Leadtrend Technology LD7575GS Datasheet HTML 4Page - Leadtrend Technology LD7575GS Datasheet HTML 5Page - Leadtrend Technology LD7575GS Datasheet HTML 6Page - Leadtrend Technology LD7575GS Datasheet HTML 7Page - Leadtrend Technology LD7575GS Datasheet HTML 8Page - Leadtrend Technology LD7575GS Datasheet HTML 9Page - Leadtrend Technology LD7575GS Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 17 page
background image
LD7575
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7575-DS-04b November 2009
Note: The OLP delay time is proportional to the period of switching cycle.
So that, the lower RT value will set the higher
switching frequency and the shorter OLP delay time.
Typical Performance Characteristics
Temperature (
°C)
Fig. 1 HV Current Source vs. Temperature (HV=500V, Vcc=0V)
0.7
0.9
1.1
1.3
1.5
-40
0
40
80
120 125
Temperature (
°C)
Fig. 2 VCS (off) vs. Temperature
0.85
0.86
0.87
0.88
0.89
0.90
-40
0
40
80
120 125
Fig. 3 UVLO (on) vs. Temperature
Temperature (
°C)
14.0
14.8
15.6
16.4
17.2
18.0
-40
0
40
80
120 125
Temperature (
°C)
Fig. 4 UVLO (off ) vs. Temperature
8
9.6
10.4
12
8.8
-40
0
40
80
120 125
11.2
Fig. 5 Frequency vs. Temperature
Temperature (
°C)
-40
60
62
64
66
68
70
0
40
80
120 125
Temperature (
°C)
Fig. 6 Green Mode Frequency vs. Temperature
16
18
20
22
24
26
-40
0
40
80
120 125



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com