Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7575GS Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD7575GS
Description  Green-Mode PWM Controller with High-Voltage Start-Up Circuit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7575GS Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD7575GS Datasheet HTML 4Page - Leadtrend Technology LD7575GS Datasheet HTML 5Page - Leadtrend Technology LD7575GS Datasheet HTML 6Page - Leadtrend Technology LD7575GS Datasheet HTML 7Page - Leadtrend Technology LD7575GS Datasheet HTML 8Page - Leadtrend Technology LD7575GS Datasheet HTML 9Page - Leadtrend Technology LD7575GS Datasheet HTML 10Page - Leadtrend Technology LD7575GS Datasheet HTML 11Page - Leadtrend Technology LD7575GS Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LD7575
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7575-DS-04b November 2009
Application Information
Operation Overview
As long as the green power requirement becomes a trend
and the power saving is getting more and more important
for the switching power supplies and switching adaptors,
the traditional PWM controllers are not able to support
such new requirements. Furthermore, the cost and size
limitation force the PWM controllers need to be powerful
to integrate more functions to reduce the external part
counts. The LD7575 is targeted on such application to
provide an easy and cost effective solution; its detail
features are described as below:
Internal High-Voltage Startup Circuit and
Under Voltage Lockout (UVLO)
R1
OUT
CS
VCC
GND
LD7575
C1
Cbulk
D1
Rs
Comp
Vin
HV
Fig. 13
Traditional circuit powers up the PWM controller through a
startup resistor to provide the startup current. However,
the startup resistor consumes significant power which is
more and more critical whenever the power saving
requirement is coming tight. Theoretically, this startup
resistor can be very high resistance value. However,
higher resistor value will cause longer startup time.
To achieve an optimized topology, as shown in figure 13,
LD7575 implements a high-voltage startup circuit for such
requirement. During the startup, a high-voltage current
source sinks current from the bulk capacitor to provide the
startup current as well as charge the Vcc capacitor C1.
During the startup transient, the Vcc is lower than the
UVLO threshold thus the current source is on to supply a
current with 1mA. Meanwhile, the Vcc supply current is
as low as 100
μA thus most of the HV current is utilized to
charge the Vcc capacitor. By using such configuration,
the turn-on delay time will be almost same no matter
under low-line or high-line conditions.
Whenever the Vcc voltage is higher than UVLO(on) to
power on the LD7575 and further to deliver the gate drive
signal, the high-voltage current source is off and the
supply current is provided from the auxiliary winding of the
transformer. Therefore, the power losses on the startup
circuit can be eliminated and the power saving can be
easily achieved.
An UVLO comparator is included to detect the voltage on
the Vcc pin to ensure the supply voltage enough to power
on the LD7575 PWM controller and in addition to drive the
power MOSFET. As shown in Fig. 14, a hysteresis is
provided to prevent the shutdown from the voltage dip
during startup. The turn-on and turn-off threshold level
are set at 16V and 10.0V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
HV Current
1mA
Startup Current
(<100uA)
Vcc current
~ 0mA (off)
Operating Current
(Supply from Auxiliary Winding)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com