Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LD7832GS Datasheet(PDF) 3 Page - Leadtrend Technology

Part # LD7832GS
Description  High Power Factor LED Controller with HV Start-up
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD7832GS Datasheet(HTML) 3 Page - Leadtrend Technology

  LD7832GS Datasheet HTML 1Page - Leadtrend Technology LD7832GS Datasheet HTML 2Page - Leadtrend Technology LD7832GS Datasheet HTML 3Page - Leadtrend Technology LD7832GS Datasheet HTML 4Page - Leadtrend Technology LD7832GS Datasheet HTML 5Page - Leadtrend Technology LD7832GS Datasheet HTML 6Page - Leadtrend Technology LD7832GS Datasheet HTML 7Page - Leadtrend Technology LD7832GS Datasheet HTML 8Page - Leadtrend Technology LD7832GS Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
LD7832
3
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD7832-DS-00 April 2013
Block Diagram
CS
LEB
PWM
Comparator
R
S
OCP
1V/1.3V
Ramp
Generator
1V
Comparator
Comp
Q
GM
Fmax
Limit
Time
Out
Vref
ZCD
Driver
Stage
UVLO
On/Off
UVLO
Comparator
internal bias
& Vref
Vref OK
VCC OK
All Block
VCC
VOVP
/28V
VCC OVP
VCC OVP
R
S Q
GND
FB
PG
CSSP/
Ouput SCP
ZCD OVP
HV
Regulator
PG
Counter
R
S
Q
Delay
Counter
CSSP
PDR
6.5V
PDR
PG
0.08V
VUVP
Delay
Counter
Output
SCP
ZCD
CSSP/
Ouput SCP
Max On
Limit
OUT
HV



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com